Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXD3423GA Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CXD3423GA
Description  Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CXD3423GA Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CXD3423GA Datasheet HTML 9Page - List of Unclassifed Manufacturers CXD3423GA Datasheet HTML 10Page - List of Unclassifed Manufacturers CXD3423GA Datasheet HTML 11Page - List of Unclassifed Manufacturers CXD3423GA Datasheet HTML 12Page - List of Unclassifed Manufacturers CXD3423GA Datasheet HTML 13Page - List of Unclassifed Manufacturers CXD3423GA Datasheet HTML 14Page - List of Unclassifed Manufacturers CXD3423GA Datasheet HTML 15Page - List of Unclassifed Manufacturers CXD3423GA Datasheet HTML 16Page - List of Unclassifed Manufacturers CXD3423GA Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
– 13 –
CXD3423GA
RST loading characteristics
(Within the recommended operating conditions)
VD and HD loading characteristics
MCKO load capacitance = 10pF
(Within the recommended operating conditions)
Output variation characteristics
WEN/FLD and ID/EXP load capacitance = 10pF
(Within the recommended operating conditions)
RST
0.2VDDd
tw1
0.8VDDd
VD, HD
MCKO
ts1
th1
0.2VDDd
0.8VDDd
0.2VDDd
0.8VDDd
MCKO
WEN/FLD,
ID/EXP
tpd1
Symbol
tpd1
Definition
Time until the above outputs change after the rise of MCKO
Min.
20
Typ.
Max.
60
Unit
ns
Symbol
ts1
th1
Definition
VD and HD setup time, activated by the rising edge of MCKO
VD and HD hold time, activated by the rising edge of MCKO
Min.
13
0
Typ.
Max.
Unit
ns
ns
Symbol
tw1
Definition
RST pulse width
Min.
35
Typ.
Max.
Unit
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com