Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRDCIP1206-B Datasheet(PDF) 9 Page - International Rectifier

Part # IRDCIP1206-B
Description  IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP1206-B Datasheet(HTML) 9 Page - International Rectifier

Back Button IRDCIP1206-B Datasheet HTML 5Page - International Rectifier IRDCIP1206-B Datasheet HTML 6Page - International Rectifier IRDCIP1206-B Datasheet HTML 7Page - International Rectifier IRDCIP1206-B Datasheet HTML 8Page - International Rectifier IRDCIP1206-B Datasheet HTML 9Page - International Rectifier IRDCIP1206-B Datasheet HTML 10Page - International Rectifier IRDCIP1206-B Datasheet HTML 11Page - International Rectifier IRDCIP1206-B Datasheet HTML 12Page - International Rectifier IRDCIP1206-B Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
____________
__IRDCiP1206-B
www.irf.com
9
Fig. 15: Iout1 Transient Step-Up 50% - 75%
Fig. 16: Iout1 Transient Step-Down 75% - 50%
Fig. 17: Iout1 Transient Step-Up 50% - 100%
Fig. 18: Iout1 Transient Step-Down 100% - 50%
Vin = 12V
Vo1 = 2.5V
Iout = 15A
Fsw = 300KHz
No Airflow
Vin = 12V
Vo1 = 2.5V
Iout = 15A
Fsw = 300KHz
No Airflow
Vin = 12V
Vo1 = 2.5V
Iout = 15A
Fsw = 300KHz
No Airflow
Vin = 12V
Vo1 = 2.5V
Iout = 15A
Fsw = 300KHz
No Airflow
51mV
43mV
80mV
71mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com