Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF13508M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF13508M
Description  8-Channel Analog Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF13508M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF13508M Datasheet HTML 1Page - National Semiconductor (TI) LF13508M Datasheet HTML 2Page - National Semiconductor (TI) LF13508M Datasheet HTML 3Page - National Semiconductor (TI) LF13508M Datasheet HTML 4Page - National Semiconductor (TI) LF13508M Datasheet HTML 5Page - National Semiconductor (TI) LF13508M Datasheet HTML 6Page - National Semiconductor (TI) LF13508M Datasheet HTML 7Page - National Semiconductor (TI) LF13508M Datasheet HTML 8Page - National Semiconductor (TI) LF13508M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Positive Supply b Negative Supply (VCCbVEE)
36V
Positive Analog Input Voltage (Note 1)
VCC
Negative Analog Input Voltage (Note 1)
b
VEE
Positive Digital Input Voltage
VCC
Negative Digital Input Voltage
b
5V
Analog Switch Current
lISlk10 mA
Power Dissipation (PD at 25 C)
(Notes27)
Molded DIP (N)
PD
500 mW
Cavity DIP (D)
PD
900 mW
Small Outline (SO) PD
500 mW
Maximum Junction Temperature (TjMAX)
100 C
Operating Temperature Range
0 CsTAs a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature
D Package (Soldering 10 seconds)
300 C
N Package (Soldering 10 seconds)
260 C
Surface Mount Package (SO)
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
Electrical Characteristics (Note 3)
LF13508
Symbol
Parameter
Conditions
LF13509
Units
Min
Typ
Max
RON
‘‘ON’’ Resistance
VOUTe0V ISe100 mATAe25 C
380
650
X
500
850
X
D
RON
D
RON with Analog Voltage
b
10VsVOUTsa10V ISe100 mATAe25 C
001
1
%
Swing
RON Match
RON Match Between Switches
VOUTe0V ISe100 mATAe25 C
20
150
X
IS(OFF)
Source Current in ‘‘OFF’’
Switch ‘‘OFF’’ VSe11 VDeb11
TAe25 C5
nA
Condition
(Note 4)
009
50
nA
ID(OFF)
Drain Current in ‘‘OFF’’
Switch ‘‘OFF’’ VSe11 VDeb11
TAe25 C20
nA
Condition
(Note 4)
06
500
nA
ID(ON)
Leakage Current in ‘‘ON’’
Switch ‘‘ON’’ VDe11V (Note 4)
TAe25 C20
nA
Condition
1
500
nA
VINH
Digital ‘‘1’’ Input Voltage
20
V
VINL
Digital ‘‘0’’ Input Voltage
07
V
IINL
Digital ‘‘0’’ Input Current
VINe07V
TAe25 C
15
30
m
A
40
m
A
IINL(EN)
Digital ‘‘0’’ Enable Current
VENe07V
TAe25 C
12
30
m
A
40
m
A
tTRAN
Switching Time of Multiplexer
(Figure 1) (Note 5)
TAe25 C
18
m
s
tOPEN
Break-Before-Make
(Figure 3)
TAe25 C
16
m
s
tON(EN)
Enable Delay ‘‘ON’’
(Figure 2)
TAe25 C
16
m
s
tOFF(EN)
Enable Delay ‘‘OFF’’
(Figure 2)
TAe25 C
02
m
s
ISO(OFF)
‘‘OFF’’ Isolation
(Note 6)
TAe25 C
b
66
dB
CT
Crosstalk
LF13509 Series (Note 6)
TAe25 C
b
66
dB
CS(OFF)
Source Capacitance (‘‘OFF’’)
Switch ‘‘OFF’’ VOUTe0V
TAe25 C
22
pF
VSe0V
CD(OFF)
Drain Capacitance (‘‘OFF’’)
Switch ‘‘OFF’’ VOUTe0V
TAe25 C
114
pF
VSe0V
ICC
Positive Supply Current
All Digital Inputs Grounded
TAe25 C
74
12
mA
79
15
mA
IEE
Negative Supply Current
All Digital Inputs Grounded
TAe25 C
27
5
mA
28
6
mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com