Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSWA2-63DR Datasheet(PDF) 3 Page - Mini-Circuits

Part # HSWA2-63DR
Description  SP2T RF Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

HSWA2-63DR Datasheet(HTML) 3 Page - Mini-Circuits

  HSWA2-63DR Datasheet HTML 1Page - Mini-Circuits HSWA2-63DR Datasheet HTML 2Page - Mini-Circuits HSWA2-63DR Datasheet HTML 3Page - Mini-Circuits HSWA2-63DR Datasheet HTML 4Page - Mini-Circuits HSWA2-63DR Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPDT RF Switch
HSWA2-63DR+
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF Electrical Specifications1, 100 MHz - 6 GHz, TAMB=25°C, VDD= +3.0V, 50 Ohms
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency range
100
6000
MHz
Insertion loss2,4
100 - 1000
—
0.95
1.15
dB
1000 - 2000
—
0.95
1.15
2000 - 3000
—
1.0
1.2
3000 - 4000
—
1.15
1.35
4000 - 5000
—
1.25
1.55
5000 - 6000
—
1.60
1.90
Isolation between Common port and RF1/RF2 Ports
100 - 1000
69
71
—
dB
1000 - 2000
65
67
—
2000 - 3000
63
68
—
3000 - 4000
62
67
—
4000 - 5000
52
57
—
5000 - 6000
44
48
Isolation between RF1 and RF2 Ports
100 - 1000
67
69
—
dB
1000 - 2000
63
64
—
2000 - 3000
59
62
—
3000 - 4000
60
64
—
4000 - 5000
54
60
—
5000 - 6000
44
50
Return loss (All Ports)
100 - 4000
—
20
—
dB
4000 - 5000
—
15
—
5000 - 6000
—
13
Input IP2
100 - 6000
—
110
—
dBm
Input IP3
100 - 6000
60
65
—
dBm
1.0 dB Input compression3
100 - 6000
33
35
—
dBm
Thermal Resistance, junction-to-ambient
78
°C/W
Switching Specifications
Parameter
Condition
Min.
Typ.
Max.
Units
Switching time
50% control to 90/10%RF
fctrl=1KHz
VDD=3V
Vctrl High=1.8V
Vctrl Low=0V
—
300
400
nS
Video feed-through
—
27
—
mV
P-P
Rise/Fall time
10 to 90% or 90 to 10%
—
67
—
ns
DC Electrical Specifications
Parameter
Min.
Typ.
Max.
Units
Supply voltage, V
DD
2.7
5.5
V
Supply current
120
200
µA
Control voltage Low
-0.3
0.6
V
Control voltage High
1.17
3.6
V
Control current
9
12
µA
Notes:
1. Tested on Mini-Circuits’ test board TB-919+, using Agilent’s N5230A network analyzer (see Characterization test circuit, Fig.2).
2. Insertion loss values are de-embedded from test board loss.
3. Do not exceed RF input power as shown in Absolute Maximum Ratings table.
4. Insertion loss and return loss can be improved by external matching.
0
5
10
15
20
25
30
35
0.001
0.010
0.100
1.000
10.000
100.000 1,000.000 10,000.000
MHz
P1dB
Max Input operating
Figure 1. P1dB and Max Input Operating Power vs. Frequency
Power Rating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com