Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFP93AW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFP93AW
Description  Silicon NPN Planar RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP93AW Datasheet(HTML) 2 Page - Vishay Siliconix

  BFP93AW Datasheet HTML 1Page - Vishay Siliconix BFP93AW Datasheet HTML 2Page - Vishay Siliconix BFP93AW Datasheet HTML 3Page - Vishay Siliconix BFP93AW Datasheet HTML 4Page - Vishay Siliconix BFP93AW Datasheet HTML 5Page - Vishay Siliconix BFP93AW Datasheet HTML 6Page - Vishay Siliconix BFP93AW Datasheet HTML 7Page - Vishay Siliconix BFP93AW Datasheet HTML 8Page - Vishay Siliconix BFP93AW Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 85020
Rev. 1.4, 03-Sep-04
VISHAY
BFP93A / BFP93AW
Vishay Semiconductors
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter cut-off current
VCE = 20 V, VBE = 0
ICES
100
µA
Collector-base cut-off current
VCB = 15 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 2 V, IC = 0
IEBO
10
µA
Collector-emitter breakdown
voltage
IC = 1 mA, IB = 0
V(BR)CEO
12
V
Collector-emitter saturation
voltage
IC = 50 mA, IB = 5 mA
VCEsat
0.1
0.4
V
DC forward current transfer ratio VCE = 5 V, IC = 30 mA
hFE
40
90
150
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 5 V, IC = 30 mA,
f = 500 MHz
fT
6GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.45
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
0.2
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
1.25
pF
Noise figure
VCE = 8 V, ZS = 50 Ω,
f = 800 MHz, IC = 5 mA
F1.6
dB
VCE = 8 V, ZS = 50 Ω,
f = 800 MHz, IC = 25 mA
F2.1
dB
Power gain
VCE = 8 V, ZS = 50 Ω, ZL = ZLopt,
IC = 25 mA, f = 800 MHz
Gpe
17
dB
VCE = 8 V, ZS = 50 Ω, ZL = ZLopt,
IC = 25 mA, f = 2 GHz
Gpe
10
dB
Linear output voltage - two tone
intermodulation test
VCE = 8 V, IC = 25 mA,
dIM = 60 dB, f1 = 806 MHz,
f2 = 810 MHz, ZS = ZL = 50 Ω
V1 = V2
260
mV
Third order intercept point
VCE = 8 V, IC = 25 mA,
f = 800 MHz
IP3
31
dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com