Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28C256-15BS6T Datasheet(PDF) 9 Page - STMicroelectronics

Part # M28C256-15BS6T
Description  256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C256-15BS6T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M28C256-15BS6T Datasheet HTML 5Page - STMicroelectronics M28C256-15BS6T Datasheet HTML 6Page - STMicroelectronics M28C256-15BS6T Datasheet HTML 7Page - STMicroelectronics M28C256-15BS6T Datasheet HTML 8Page - STMicroelectronics M28C256-15BS6T Datasheet HTML 9Page - STMicroelectronics M28C256-15BS6T Datasheet HTML 10Page - STMicroelectronics M28C256-15BS6T Datasheet HTML 11Page - STMicroelectronics M28C256-15BS6T Datasheet HTML 12Page - STMicroelectronics M28C256-15BS6T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Symbol
Alt
Parameter
Test Condition
M28256
Unit
-90
-12
-15
-20
min
max
min
max
min
max
min
max
tAVQV
tACC
Address Valid to
Output Valid
E= VIL,G = VIL
90
120
150
200
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G= VIL
90
120
150
200
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E=VIL
40
45
50
50
ns
tEHQZ
(1)
tDF
Chip Enable High to
Output Hi-Z
G= VIL
0
40
0
45
0
50
0
50
ns
tGHQZ
(1)
tDF
Output Enable High
to Output Hi-Z
E= VIL
0
40
0
45
0
50
0
50
ns
tAXQX
tOH
Address Transition
to Output Transition
E=VIL,G = VIL
0000
ns
Note: 1. Output Hi-Z is defined as the point at which data is no longer driven.
Table 10. Read Mode AC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 4.5V to 5.5V)
Symbol
Alt
Parameter
Test Condition
M28256-W
Unit
-12
-15
-20
-25
min
max
min
max
min
max
min
max
tAVQV
tACC
Address Valid to
Output Valid
E= VIL,G = VIL
120
150
200
250
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G= VIL
120
150
200
250
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E=VIL
45
70
80
100
ns
tEHQZ
(1)
tDF
Chip Enable High to
Output Hi-Z
G= VIL
0
45
0
50
0
55
0
60
ns
tGHQZ
(1)
tDF
Output Enable High
to Output Hi-Z
E= VIL
0
45
0
50
0
55
0
60
ns
tAXQX
tOH
Address Transition
to Output Transition
E=VIL,G = VIL
0000
ns
Note: 1. Output Hi-Z is defined as the point at which data is no longer driven.
Table 11. Read Mode AC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 2.7V to 3.6V)
9/21
M28256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com