Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL8563-45PRM Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8563-45PRM
Description  300mA High PSRR, Linear Regulator, w. Output Discharge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8563-45PRM Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8563-45PRM Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8563-45PRM Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8563-45PRM Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8563-45PRM Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8563-45PRM Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8563-45PRM Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8563-45PRM Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8563-45PRM Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8563-45PRM Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.belling.com.cn
2
BL8563
ORDERING INFORMATION
BL8563-
□
1
□
2
□
3
Code
Description
□
1
Output voltage:
e.g. 10=1.0V
18=1.8V
45=4.5V
□
2
Temperature&Rohs:
P:-40~85
C ,Pb Free Rohs Std.
□
3
Package type:
RA: SOT-23-5(A)
Q: SC-70-5
RM: SOT-23-3
NOTE: For DFN Package
BL8563
□
1
□
2
□
3
□
4
Code
Description
□
1
Temperature&Rohs:
C:-40~85C ,Pb Free Rohs Std.
□
2
Package type:
KE:DFN1x1-4
KF:DFN1.2x1.6-4
□
3
Packing type:
TR:Tape&Reel (Standard)
□
4
Output voltage:
e.g. 15=1.5V
18=1.8V
45=4.5V
MARKING DESCRIPTON
: Product Code
X: Output Voltage Code (for SC70-5, SOT23-3, SOT23-5)
Vout
Code
Vout
Code
Vout
Code
1.0V
0
2.3V
3
3.6V
6
1.1V
1
2.4V
4
3.7V
7
1.2V
2
2.5V
5
3.8V
8
1.3V
3
2.6V
6
3.9V
9
1.4V
4
2.7V
7
4.0V
0
1.5V
5
2.8V
8
4.1V
1
1.6V
6
2.9V
9
4.2V
2
1.7V
7
3.0V
0
4.3V
3
1.8V
8
3.1V
1
4.4V
4
1.9V
9
3.2V
2
4.5V
5
2.0V
0
3.3V
3
2.1V
1
3.4V
4
2.2V
2
3.5V
5
XX: Output Voltage (for DFN1X1-4 and DFN1.2x1.6-
4).”18”stands for 1.8V,”28” stands for 2.8V,and “2 8 ”
stands for 2.85V.
Z: The Year of manufacturing,”1” stands for year
2011,”2” stands for year 2012, and ”8” stands for year
2018.
Z: The week of manufacturing. ”A” stands for week
1,”Z” stands for week 26,” A ” stands for week 27,” Z ”
stands for week 52.
PIN CONFIGURATION
Product Classification
BL8563-□□PQ
: Product Code
X: Output Voltage
ZZ: Date Code
Product Classification
BL8563-□□PRM
F: Product Code
X: Output Voltage
ZZ: Date Code
Product Classification
BL8563-□□PRA
: Product Code
X: Output Voltage
ZZ: Date Code
Product Classification
BL8563CKETR□□
XX: Output Voltage
Product Classification
BL8563CKFTR□□
XX: Output Voltage
Vin
Supply Voltage Input
Vout
Output Voltage
CE
Chip Enable
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com