Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM74HC05 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC05
Description  Hex Inverter (Open Drain)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC05 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74HC05 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC05 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC05 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC05 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPZL tPLZ
Maximum Propagation Delay
RLe1kX
8ns
AC Electrical Characteristics VCCe20V to 60V CLe50 pF tretfe6 ns unless otherwise specified
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 Cto a85 CTAeb55 Cto a125 C
Units
Typ
Guaranteed Limits
tPZL
Maximum Propagation
RLe1kX
20V
30
75
95
110
ns
Delay
45V
8
15
19
22
ns
60V
7
13
16
19
ns
tPLZ
Maximum Propagation
RLe1kX
20V
30
90
115
135
ns
Delay
45V
13
18
23
27
ns
60V
12
15
20
23
ns
tTHL
Maximum Output
20V
30
75
95
110
ns
Fall Time
45V
8
15
19
22
ns
60V
7
13
16
19
ns
CPD
Power Dissipation
(per gate)
8pF
Capacitance (Note 5)
CIN
Maximum Input
510
10
10
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
The power dissipated by RL is not included
Physical Dimensions inches (millimeters)
Order Number MM54HC05J or MM74HC05J
NS Package Number J14A
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com