Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP4TA-18 Datasheet(PDF) 1 Page - Mini-Circuits

Part # MSP4TA-18
Description  SP4T Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MSP4TA-18 Datasheet(HTML) 1 Page - Mini-Circuits

  MSP4TA-18 Datasheet HTML 1Page - Mini-Circuits MSP4TA-18 Datasheet HTML 2Page - Mini-Circuits MSP4TA-18 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
CASE STYLE: HJ1768
MSP4TA-18+
The Big Deal
Product Overview
Mini-Circuits’ MSP4TA-18+ is an ultra-reliable, rugged-duty absorptive fail-safe SP4T switch designed in break-
before-make configuration offering an Ultra long switching life. Powered by +24VDC, the device has a typical
switching speed of 20 milliseconds, insertion loss of 0.2 dB and high isolation of 90 dB. The MSP4TA-18+ is suitable
for use across a wide range of applications, including switching for automated test equipment and redundancy
switching.
Key Features
• Extra long life - 10 million cycles
• Low insertion loss, 0.2 dB
• High isolation, 90 dB
• Absorptive
• Reliable sleep mode switching
50Ω
DC to 18 GHz, 24 Volt, Absorptive
Feature
Advantages
Extra long service life
Exceptionally long service life improves system reliability and reduces the need to replace
switches often, making it ideal for automatic test systems.
High isolation, 90 dB typ.
Prevents interference from unwanted signals, ensuring signal integrity and accuracy of testing.
Reliable sleep-mode switching
Offers dependable performance even after being set at a fixed position for prolonged periods.
Highly-reliable sleep mode switching averts failures due to “wake up,” making it suitable for
automatic testing as well as redundancy switching applications.
High repeatability between switching
cycles
High repeatability of insertion loss between switching cycles ensures reliable performance critical
for automated testing and other measurement applications.
SP4T Switch
Xtra Long Life


Similar Part No. - MSP4TA-18

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MSP4TA-18-12 MINI-MSP4TA-18-12 Datasheet
397Kb / 3P
SP4T Switch
MSP4TA-18-12+ MINI-MSP4TA-18-12+ Datasheet
397Kb / 3P
SP4T Switch
MSP4TA-18-12D MINI-MSP4TA-18-12D Datasheet
509Kb / 3P
SP4T Switch
MSP4TA-18-12D+ MINI-MSP4TA-18-12D+ Datasheet
509Kb / 3P
SP4T Switch
MSP4TA-18D MINI-MSP4TA-18D Datasheet
534Kb / 3P
SP4T Switch
More results

Similar Description - MSP4TA-18

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSW46174 DAICO-DSW46174 Datasheet
163Kb / 1P
Switch SP4T
logo
American Accurate Compo...
JXWBKG-4-0.5-18 AAC-JXWBKG-4-0.5-18 Datasheet
130Kb / 1P
SP4T Switch
logo
Pasternack Enterprises,...
PE71S6126 PASTERNACK-PE71S6126 Datasheet
439Kb / 4P
SP4T Switch
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
SP4T Switch
PE71S6182 PASTERNACK-PE71S6182 Datasheet
413Kb / 4P
SP4T Switch
PE71S6184 PASTERNACK-PE71S6184 Datasheet
441Kb / 4P
SP4T Switch
PE71S6192 PASTERNACK-PE71S6192 Datasheet
495Kb / 6P
SP4T Switch
logo
Mini-Circuits
MSP4TA-18-12 MINI-MSP4TA-18-12 Datasheet
397Kb / 3P
SP4T Switch
MSP4TA-18-12D MINI-MSP4TA-18-12D Datasheet
509Kb / 3P
SP4T Switch
MSP4TA-18D MINI-MSP4TA-18D Datasheet
534Kb / 3P
SP4T Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com