Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4998P8 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4998P8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P8 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4998P8 Datasheet HTML 4Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 5Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 6Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 7Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 8Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 9Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 10Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 11Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TLE4998P8(D)
Maximum Ratings
Data Sheet
8
Revision 1.1, 2017-01
3
Maximum Ratings
All further given specifications are regarded to each of the implemented sensors IC’s, or otherwise noted.
Attention: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification
is not implied. Furthermore, only single error cases are assumed. More than one stress/error
case may also damage the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. During absolute maximum rating overload conditions the voltage on VDD pins with
respect to ground (VSS) must not exceed the values defined by the absolute maximum ratings.
Lifetime statements are an anticipation based on an extrapolation of Infineon’s qualification
test results. The actual lifetime of a component depends on its form of application and type of
use etc. and may deviate from such statement. The lifetime statement shall in no event extend
the agreed warranty period.
Table 3-1
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Junction temperature
TJ
- 40
–
1601)
1) For limited time of 96 h. Depends on customer temperature lifetime cycle. Please ask Infineon for support.
°C
–
Voltage on
V
DD pin with respect to
ground
VDD
-18
–
18.35
V
2)3)
2) Higher voltage stress than absolute maximum rating, e.g. 150% in latch-up tests is not applicable. In such cases,
R
series
≥100 Ω for current limitation is required.
3) Max 1h, in operating temperature range.
Supply current @ overvoltage
V
DD max. IDDov
––15
mA
–
Reverse supply current @
V
DD min.
IDDrev
-1
–
0
mA
–
Voltage on output pin with respect to
ground
VOUT
-14)
4)
I
DD can exceed 10 mA when the voltage on OUT is pulled below -1 V (-5 V at room temperature).
–
18.355)
5)
V
DD = 5 V, open drain permanent low, for max. 10 minutes
V–
Magnetic field
BMAX
-–
1
T
–
ESD protection
VESD
–
–
±2
kV
According HBM
ANSI/ESDA/JEDEC
JS-001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com