Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSOX6MASK Datasheet(PDF) 28 Page - Keysight Technologies

Part # DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Datasheet(HTML) 28 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 24Page - Keysight Technologies DSOX6MASK Datasheet HTML 25Page - Keysight Technologies DSOX6MASK Datasheet HTML 26Page - Keysight Technologies DSOX6MASK Datasheet HTML 27Page - Keysight Technologies DSOX6MASK Datasheet HTML 28Page - Keysight Technologies DSOX6MASK Datasheet HTML 29Page - Keysight Technologies DSOX6MASK Datasheet HTML 30Page - Keysight Technologies DSOX6MASK Datasheet HTML 31Page - Keysight Technologies DSOX6MASK Datasheet HTML 32Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
28 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Designed for Touch.
12.1-inch capacitive
multi-touch screen with gesture support
sets a new visualization standard.
Not a touch screen fan? You can
turn off the
touch screen.
Zone touch trigger. If you can see it, you can
trigger on it by drawing a zone box.
7-in-1 instrument sets a new integration
standard: oscilloscope channels, digital
channels, serial protocol analysis, dual-
channel WaveGen, frequency response
analysis, digital voltmeter, and 10-digit
counter-totalizer.
Fully upgradable, including
bandwidth.
Standard color grade and
histogram on a
waveform, measurement, or math function
adds statistical view.
Jitter and real-time eye diagram analysis
is available for the first time ever in an
embedded-OS-platform oscilloscope.
Dual-channel WaveGen function/arbitrary
generator allows you to generate differential,
clock and data, two channel modulation, and
IQ signals. Modulation capability included.
Both
USB keyboard and mouse
are supported in 6000 X-Series for
additional ease of use.
The portable oscilloscope class-leading
6 GHz upgradable bandwidth expands your
application coverage including PCI Express.
New Standard for Price Performance: Bandwidth, Visualization, and Integration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com