Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP6221 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6221
Description  High Efficiency Boost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6221 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6221 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6221 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6221 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6221 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6221 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6221 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6221 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP6226/A-04
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP6226/A
High Efficiency Boost DC/DC Convertor
General Description
The LP6320A is a 1MHz PWM boost switching
regulator designed for constant-voltage boost
applications. The LP6226 can drive a string of up to
30V. The LP6226 implements a constant frequency
1MHz PWM control scheme. The high frequency PWM
operation also saves board space by reducing external
component sizes. The LP6226 features automatic
shifting to pulse frequency modulation mode at light
loads.Highly integration and internal compensation
network minimizes as 6 external component counts.
Optimized operation frequency can meet the
requirement of small LC filters value and low operation
current with high efficiency.
The LP6226 includes under-voltage lockout, current
limiting, and thermal overload protection to prevent
damage in the event of an output overload. The
LP6226 is available in a small SOT23-6 package.
Order Information
LP6226 □ □ □ □
F: Halogen Free and Pb Free
Package Type
B6: SOT23-6
Feedback Voltage
Default: 0.6V
A: 1.25V
Features
Up to 94% efficiency
Output to Input Disconnect at Shutdown Mode
Shut-down current:<1uA
Output voltage Up to 28V
Internal Compensation, Soft-start
1MHz fixed frequency switching
High switch on current:1.5A
Available in sot23-6 Package
Applications
Battery products
Host Products
Panel
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP6226B6F
LPS
5AXXX
SOT23-6
3K/REEL
R1
110K
EN
4
SW
1
FB
3
GND
2
VIN
5
NC
6
LP6226
C1
22uF
VIN
VOUT
C2
22uF
R2
15K
2.2uH


Similar Part No. - LP6221

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
High Efficiency 10A Boost DC/DC Convertor
More results

Similar Description - LP6221

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ELP6230A E-CMOS-ELP6230A Datasheet
306Kb / 8P
High Efficiency 1A/30V Boost DC/DC Convertor
logo
Lowpower Semiconductor ...
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
High Efficiency 4A Boost DC/DC Convertor
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
High Efficiency 2.1A Boost DC/DC Convertor
LP6230A POWER-LP6230A Datasheet
411Kb / 7P
High Efficiency 1.4A/30VBoost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
High Efficiency 3A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
High Efficiency 2.0A Boost DC/DC Convertor
LP6216 POWER-LP6216 Datasheet
596Kb / 8P
High Efficiency 3A Boost DC/DC Convertor
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
High Efficiency 10A Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com