| Electronic Components Datasheet Search |
|
86115D-IRC Datasheet(PDF) 3 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
86115D-IRC Datasheet(HTML) 3 Page - Keysight Technologies |
|
3 / 35 page ![]() 03 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet Overview of the Infiniium DCA-X High-fidelity waveform characterization (Yellow: raw trace, Blue: de-embedded waveform) Scope mode Eye/Mask mode Fast transmitter characterization using eye diagram analysis and automated mask margin measurements TDR/TDT mode Accurate time domain reflectometry/transmission and S-Parameter measurements Jitter mode Precision jitter, amplitude, and frequency analysis capability These modes are further complimented by the following features that provide additional insight and analysis capability: – De-embedding, embedding, equalizer capability – Phase noise/Jitter spectrum analysis – Phase locked loop (PLL) analysis – And more… Precision measurements, more margin, and more insight The 86100D DCA-X oscilloscope combines high analog bandwidth, low jitter, and low noise performance to accurately characterize optical and electrical designs from 50 Mb/s to over 80 Gb/s. The mainframe provides the foundation for powerful insight and measurement capability, such as de-embedding of cables and fixtures, that improve margins and allow engineers to see the true performance of their designs. The 86100D DCA-X can be viewed as four powerful instruments in one: Modular The modular system means that the instrument can grow to meet your needs, when you need it. There’s no need to purchase capability that you don’t need now. The DCA-X supports a wide range of modules for testing optical and electrical designs. Select modules to get the specific bandwidth, filtering, and sensitivity you need. The DCA-X supports all modules in the DCA family and is 100% backwards compatible with the 86100C mainframe. High channel count The DCA-X can measure from one to 16 channels simultaneously with no significant loss in throughput. Create an affordable high-capacity test system by measuring multiple signals in parallel. Software The DCA-X provides powerful analysis capability that is enabled through licensed software options. Examples include 86100D-200 for fast and accurate jitter analysis, 86100D-SIM for de-embedding and/or embedding of fixtures and cables, and the N1012A/N1014A/N108XA Series test applications. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |