Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDBD2SC21200-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBD2SC21200-G
Description  Silicon Carbide Power Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD2SC21200-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBD2SC21200-G Datasheet HTML 1Page - Comchip Technology CDBD2SC21200-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicon Carbide Power Schottky Diode
Page 2
QW-BSCXX
REV:
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Unit
Electrical Characteristics (at TA=25°C, unless otherwise noted)
Total capacitive charge
Total capacitance
nC
pF
Conditions
QC
C
150
136
Parameter
Max.
Symbol
Min.
Forward voltage
VF
IF = 2A, Tj = 25°C
V
1.7
3
IF = 2A, Tj = 175°C
Typ.
1.62
2.8
Reverse current
μA
IR
200
VR = 1200V, Tj = 25°C
VR = 1200V, Tj = 175°C
100
30
20
VR = 800V, Tj = 150°C
QC = ∫
C(V) dv
VR
0
12
VR = 0V, Tj = 25°C, f = 1MHZ
VR = 400V, Tj = 25°C, f = 1MHZ
VR = 800V, Tj = 25°C, f = 1MHZ
13
12
12
11
RATING AND CHARACTERISTIC CURVES (CDBD2SC21200-G)
Forward Voltage, VF (V)
Reverse Voltage, VR (V)
0
0
0.004
Reverse Voltage, VR (V)
Fig.4 - Capacitance VS. Reverse Voltage
400
800
1200
0.002
0.006
0.008
0.014
Fig.3 - Current Derating
Case Tempature, TC (°C)
0
20
75
50
25
125
150
175
100
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
600
1000
200
120
140
22
0.010
0.012
18
160
1.0
0.5
0
1.5
2.0
2.5
0.5
1.0
1.5
2.0
0
2.5
3.0
3.5
3.0
3.5
4.0
4.5
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
1400
10% Duty
30% Duty
50% Duty
DC
70% Duty
16
14
12
10
8
6
4
2
Fig.1 - Forward Characteristics
Fig.2 - Reverse Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com