Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDBDSC5650-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBDSC5650-G
Description  Silicon Carbide Power Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBDSC5650-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBDSC5650-G Datasheet HTML 1Page - Comchip Technology CDBDSC5650-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
QW-BSCXX
REV:
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Unit
Electrical Characteristics (at TA=25°C, unless otherwise noted)
Total capacitive charge
Total capacitance
nC
pF
Conditions
QC
C
434
424
Parameter
Max.
Symbol
Min.
Forward voltage
VF
IF = 5A, Tj = 25°C
V
1.7
2.5
IF = 5A, Tj = 175°C
Typ.
1.35
1.55
Reverse current
μA
IR
200
VR = 650V, Tj = 25°C
VR = 650V, Tj = 175°C
100
15
10
VR = 400V, Tj = 150°C
QC = ∫
C(V) dv
VR
0
23
VR = 0V, Tj = 25°C, f = 1MHZ
VR = 200V, Tj = 25°C, f = 1MHZ
VR = 400V, Tj=25°C, f=1MHZ
45
44
43
42.5
RATING AND CHARACTERISTIC CURVES (CDBDSC5650-G)
Silicon Carbide Power Schottky Diode
Reverse Voltage, VR (V)
Fig.4 - Capacitance vs. Reverse Voltage
100
200
250
500
0
400
0.01
0.1
1
10
100
1000
Fig.2 - Reverse Characteristics
50
150
300
350
450
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0
1
4
9
2.0
0
1.6
2.4
0.4
2
3
5
1.2
0.8
6
7
8
TJ=25°C
TJ=75°C
T =125°C
J
T =175°C
J
Reverse Voltage, VR (V)
0
0.04
0.16
0
200
400
800
0.08
0.12
100
300
600
500
700
0.06
0.10
0.14
0.02
T =175°C
J
T =125°C
J
TJ=25°C
TJ=75°C
Case Tempature, TC (°C)
Fig.3 - Current Derating
150
175
75
125
80
50
30
0
50
100
25
40
30%
Duty
50% Dut
y
70% Duty
DC
70
60
20
10
10%
Duty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com