Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCHBW150-24S05-RTF Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHBW150-24S05-RTF
Description  Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-24S05-RTF Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHBW150-24S05-RTF Datasheet HTML 1Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 2Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 3Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 4Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 8Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev G
DCHBW150 SERIES
Up to 182 Watts
Half-Brick DC/DC Converter
Single Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 13
MODEL SELECTION TABLE
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Ripple & Noise
No Load
Input Current
Output
Power
Maximum
Capacitive Load
Efficiency
Min Load
Full Load
DCHBW150-24S3.3
24VDC
(9~36VDC)
3.3VDC
0mA
40A
75mVp-p
20mA
132W
121000µF
88%
DCHBW150-24S05
5VDC
0mA
28A
75mVp-p
25mA
140W
56000µF
90%
DCHBW150-24S12
24VDC
(8.5~36VDC)
12VDC
0mA
12A
100mVp-p
25mA
144W
10000µF
90%
DCHBW150-24S15
15VDC
0mA
9.5A
100mVp-p
25mA
142.5W
6300µF
91%
DCHBW150-24S24
24VDC
0mA
6A
200mVp-p
25mA
144W
2500µF
90%
DCHBW150-24S28
28VDC
0mA
5A
200mVp-p
25mA
140W
1700µF
90%
DCHBW150-24S48
48VDC
0mA
3A
300mVp-p
35mA
144W
620µF
90%
DCHBW150-48S3.3
48VDC
(16.5~75VDC)
3.3VDC
0mA
40A
75mVp-p
15mA
132W
121000µF
89%
DCHBW150-48S05
5VDC
0mA
30A
75mVp-p
15mA
150W
60000µF
91%
DCHBW150-48S12
12VDC
0mA
13A
100mVp-p
20mA
156W
10800µF
91%
DCHBW150-48S15
15VDC
0mA
10A
100mVp-p
20mA
150W
6600µF
91%
DCHBW150-48S24
24VDC
0mA
6.5A
200mVp-p
20mA
156W
2700µF
91%
DCHBW150-48S28
28VDC
0mA
5.5A
200mVp-p
20mA
154W
1900µF
91%
DCHBW150-48S48
48VDC
0mA
3.2A
300mVp-p
25mA
153.6W
660µF
91%
DCHBW150-110S3.3
110VDC
(43~160VDC)
3.3VDC
0mA
43A
75mVp-p
10mA
141.9W
130000µF
88%
DCHBW150-110S05
5VDC
0mA
32A
75mVp-p
10mA
160W
64000µF
90%
DCHBW150-110S12
12VDC
0mA
15A
100mVp-p
10mA
180W
12500µF
90%
DCHBW150-110S15
15VDC
0mA
12A
100mVp-p
10mA
180W
8000µF
90%
DCHBW150-110S24
24VDC
0mA
7.5A
200mVp-p
10mA
180W
3100µF
90%
DCHBW150-110S28
28VDC
0mA
6.5A
200mVp-p
10mA
182W
2300µF
90%
DCHBW150-110S48
48VDC
0mA
3.8A
300mVp-p
10mA
182.4W
790µF
90%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input, and Full Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC Nominal Input Models
3.3 & 5VDC Models
9
24
36
VDC
Others
8.5
24
36
48VDC Nominal Input Models
16.5
48
75
110VDC Nominal Input Models
43
110
160
Start-Up Voltage
24VDC Nominal Input Models
9
VDC
48VDC Nominal Input Models
18
110VDC Nominal Input Models
43
Shutdown Voltage
24VDC Nominal Input Models
7.3
7.7
8.1
VDC
48VDC Nominal Input Models
15.5
16
16.3
110VDC Nominal Input Models
33.0
34.5
36
Input Surge Voltage (1 sec. max.)
24VDC Nominal Input Models
50
VDC
48VDC Nominal Input Models
100
110VDC Nominal Input Models
180
Input Current
No Load
See Table
Input Filter (See Note 1)
Pi Type
Sync Pin Signal (See Note 2)
-0.3
5.6
VDC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low Line to High Line at Full Load
-0.1
+0.1
%
Load Regulation
No Load to Full Load
-0.1
+0.1
%
Voltage Adjustability (See Note 3)
Maximum output deviation is inclusive of remote sense
-20
+10
%
Remote Sense (See Note 4)
% of Vout (nom)
10
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
See Table
Ripple & Noise
(Measured by 20MHz bandwidth)
With a 1µF/25V X7R MLCC & a 22µF/25V
POS-CAP
3.3V & 5V Models
75
mVp-p
12V & 15V Models
100
With a 4.7µF/50V X7R MLCC
24V & 28V Models
200
With a 2.2µF/100V X7R MLCC
48V Models
300
Transient Response Recovery Time
25% load step change
200
250
µs
Start-Up Time
Constant Resistive Load
Power Up
75
mS
Remote ON/OFF
75
Temperature Coefficient
-0.02
+0.02
%/ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com