Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCHBW150-48S05-RTF Datasheet(PDF) 11 Page - Wall Industries,Inc.

Part # DCHBW150-48S05-RTF
Description  Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-48S05-RTF Datasheet(HTML) 11 Page - Wall Industries,Inc.

Back Button DCHBW150-48S05-RTF Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 8Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 9Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 10Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 11Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 12Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 13Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Rev G
DCHBW150 SERIES
Up to 182 Watts
Half-Brick DC/DC Converter
Single Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 11 of 13
SYNCHRONOUS PIN
Multiple modules can be synchronized together simply by connecting the module SYNC pins together.
Synchronous Circuits
Recommended Layouts
24V & 48V Nominal Input Models
Component
Value
Voltage
Reference
C1
220µF
100V
Nippon Chemi-Con KY Series
C2, C3
2.2µF
100V
1812 MLCC
110V Nominal Input Models
Component
Value
Voltage
Reference
C1
150µF
200V
Nippon Chemi-Con KXJ-Series
C2, C3
1µF
250V
1812 MLCC
•Care should be taken to ensure the ground potential differences between modules are minimized.
•All of the modules in this configuration will be synchronized to the highest frequency module.
•Up to three module can be synchronized using this technique.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com