Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP28013 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP28013
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28013 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP28013 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28013 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28013 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28013 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28013 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28013 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28013 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP28013
LP28013 – 01
Aug-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
Automatic Recharge
Once the charge cycle is terminated, the LP28013
continuously monitors the voltage on the BAT pin. A charge
cycle restarts when the battery voltage falls below 4.05V
(which corresponds to approximately 80% to 90% battery
capacity). This ensures that the battery is kept at or near a
fully charged condition and eliminates the need for periodic
charge cycle initiations.
Enable Function
The LP28013 features an enable/disable function. An input
“Low” signal at EN pin or if this pin is floating will enable the IC.
To assure the charger will switch on, the EN turn on control
level must below 0.4 volts. The charger IC r will go into the
shutdown mode when the voltage on the EN pin is greater
than 2.4 volts. If the enable function is not needed in a specific
application, it may be tied to GND or floating to keep the
charge IC in a continuously on state.
Charge Status Indicator (CHAG & PG)
After application of a 5V source, the input voltage rises above
the UVLO and sleep thresholds (VIN>VBAT+VDT),but is less than
OVP (VIN<VOVP), then the PG turns on and provides a low
impedance path to ground.
CHRG has two different states: strong pull-down (~5mA) and
high impedance. The strong pull-down state indicates that the
LP28013 is in a charge cycle. Once the charge cycle has
terminated, the pin state is determined by under voltage
lockout conditions. High impedance indicates that the
LP28013 is in under voltage lockout mode: either VIN is less
than 100mV above the BAT pin voltage or insufficient voltage
is applied to the VIN pin.
Function
CHRG
Charging
Low
Charge END
High
Function
PG
VIN<UVLO
High
UVLO<VIN<OVP
Low
OVP<VIN
High
Thermal Limiting
An internal thermal feedback loop reduces the I SET rammed
charge current if the die temperature attempts to rise above a
preset value of approximately 125°C. This feature protects the
LP28013 from excessive temperature and allows the user to
push the limits of the power handling capability of a given
circuit board without risk of damaging the LP28013. The
charge current can be set according to typical (not Worst-case)
ambient temperature with the assurance that the charger will
automatically reduce the current in worst-case conditions.
Power Dissipation
The conditions that cause the LP28013 to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this
power dissipation is generated by the internal MOSFET
calculated to be approximately:
PD=(VIN-VBAT) • IBAT
where PD is the power dissipated, VIN is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at which the
thermal feedback begins to protect the IC is:
TA=125℃-PD • θJA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com