Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/SS Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16F818-E/SS
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/SS Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16F818-E/SS Datasheet HTML 74Page - Microchip Technology PIC16F818-E/SS Datasheet HTML 75Page - Microchip Technology PIC16F818-E/SS Datasheet HTML 76Page - Microchip Technology PIC16F818-E/SS Datasheet HTML 77Page - Microchip Technology PIC16F818-E/SS Datasheet HTML 78Page - Microchip Technology PIC16F818-E/SS Datasheet HTML 79Page - Microchip Technology PIC16F818-E/SS Datasheet HTML 80Page - Microchip Technology PIC16F818-E/SS Datasheet HTML 81Page - Microchip Technology PIC16F818-E/SS Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 176 page
background image
PIC16F818/819
DS39598E-page 76
 2004 Microchip Technology Inc.
10.3
SSP I2C Mode Operation
The SSP module in I2C mode fully implements all slave
functions, except general call support and provides
interrupts on Start and Stop bits in hardware to facilitate
firmware implementations of the master functions. The
SSP
module
implements
the
standard
mode
specifications, as well as 7-bit and 10-bit addressing.
Two pins are used for data transfer. These are the
RB4/SCK/SCL pin, which is the clock (SCL) and the
RB1/SDI/SDA pin, which is the data (SDA). The user
must configure these pins as inputs or outputs through
the TRISB<4,1> bits.
To ensure proper communication of the I2C Slave mode,
the TRIS bits (TRISx [SDA, SCL]) corresponding to the
I2C pins must be set to ‘1’. If any TRIS bits (TRISx<7:0>)
of the port containing the I2C pins (PORTx [SDA, SCL])
are changed in software during I2C communication
using a Read-Modify-Write instruction (BSF, BCF), then
the I2C mode may stop functioning properly and I2C
communication may suspend. Do not change any of the
TRISx bits (TRIS bits of the port containing the I2C pins)
using the instruction BSF or BCF during I2C communica-
tion. If it is absolutely necessary to change the TRISx
bits during communication, the following method can be
used:
EXAMPLE 10-1:
The SSP module functions are enabled by setting SSP
Enable bit, SSPEN (SSPCON<5>).
FIGURE 10-5:
SSP BLOCK DIAGRAM
(I2C™ MODE)
The SSP module has five registers for I2C operation:
• SSP Control Register (SSPCON)
• SSP Status Register (SSPSTAT)
• Serial Receive/Transmit Buffer (SSPBUF)
• SSP Shift Register (SSPSR) – Not directly
accessible
• SSP Address Register (SSPADD)
The SSPCON register allows control of the I2C opera-
tion. Four mode selection bits (SSPCON<3:0>) allow
one of the following I2C modes to be selected:
•I2C Slave mode (7-bit address)
•I2C Slave mode (10-bit address)
•I2C Slave mode (7-bit address) with Start and
Stop bit interrupts enabled to support Firmware
Master mode
•I2C Slave mode (10-bit address) with Start and
Stop bit interrupts enabled to support Firmware
Master mode
•I2C Firmware Controlled Master mode with Start
and Stop bit interrupts enabled, slave is Idle
Selection of any I2C mode, with the SSPEN bit set,
forces the SCL and SDA pins to be open-drain,
provided these pins are programmed to inputs by
setting the appropriate TRISB bits. Pull-up resistors
must be provided externally to the SCL and SDA pins
for proper operation of the I2C module.
Additional information on SSP I2C operation may be
found in the “PICmicro® Mid-Range MCU Family
Reference Manual” (DS33023).
MOVF
TRISC, W
; Example for an 18-pin part such as the PIC16F818/819
IORLW
0x18
; Ensures <4:3> bits are ‘11’
ANDLW
B’11111001’
; Sets <2:1> as output, but will not alter other bits
; User can use their own logic here, such as IORLW, XORLW and ANDLW
MOVWF
TRISC
Read
Write
SSPSR Reg
Match Detect
SSPADD Reg
Start and
Stop Bit Detect
SSPBUF Reg
Internal
Data Bus
Addr Match
Set, Reset
S, P Bits
(SSPSTAT Reg)
RB4/SCK/
RB1/
Shift
Clock
MSb
SDI/
LSb
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com