Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACEFC304-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACEFC304-HF
Description  SMD Efficiency Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACEFC304-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACEFC304-HF Datasheet HTML 1Page - Comchip Technology ACEFC304-HF Datasheet HTML 2Page - Comchip Technology ACEFC304-HF Datasheet HTML 3Page - Comchip Technology ACEFC304-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 200 Volts
Forward Current: 3.0 Amp
RoHS Device
Page 1
REV:A
ACEFC304-HF
AQW-JE002
Comchip Technology CO., LTD.
Features
Mechanical data
- Glass passivation pallet chip Junction.
- Ideal for automated placement.
- Ultrafast recovery times for high efficiency.
Halogen free
Circuit diagram
- Low forward voltage, low power losses.
- Case: DO-214AB / SM , molded plastic.
C
- Weight: 0.231 grams(approx.).
- Terminals: Lead free plating (Tin finish).
-Solderable per MIL-STD-202, Method 208.
- Epoxy: UL flammability classification rate 94V-0 .
- Polarity: Indicated by cathode band.
SMD
Fast Recovery Rectifiers
Efficiency
- High forward surge capability.
0.126 (3.20)
0.114 (2.90)
0.245 (6.22)
0.220 (5.59)
0.280 (7.11)
0.260 (6.60)
0.008(0.20)
Max.
0.012 (0.30)
0.006 (0.15)
0.320 (8.13)
0.305 (7.75)
0.060 (1.52)
0.030 (0.76)
0.103 (2.62)
0.079 (2.06)
DO-214AB (SMC)
Dimensions in inches and (millimeter)
Notes: 1. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
2. Measured with IF=0.5A, IR=1.0A, IRR=0.25A.
ACEFC304-HF
Max. re
peak reverse voltage
petitive
Max. DC blocking voltage
Max. RMS voltage
Peak
surge current, 8.3ms
forward
single half sine-wave superimposed
on rated load (JEDEC method)
TA=25°C
Max. DC reverse current at rated
DC blocking voltage
Typical junction capacitance (Note 1)
Operating temperature range
Storage temperature range
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IR
CJ
TJ
TSTG
40
100
10
500
-55 to +150
-55 to +150
V
V
V
A
V
μA
pF
°C
°C
200
200
140
Typical thermal resistance
RθJC
30
°C/W
TA=100°C
IR
Maximum Ratings (at TA=25°C unless otherwise noted)
Max. instantaneous forward voltage
Max. average forward rectified current
IF
3
A
Max. reverse recovery time (Note 2)
Trr
20
nS
0.9
IF = 3A @ 25°C
VF
Company reserves the right to improve product design , functions and reliability without notice.
- Comply with AEC-Q101


Similar Part No. - ACEFC304-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACEFN103-HF COMCHIP-ACEFN103-HF Datasheet
126Kb / 4P
SMD Efficient Fast Recovery Rectifiers
More results

Similar Description - ACEFC304-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRC301-G COMCHIP-CFRC301-G Datasheet
49Kb / 2P
SMD Fast Recovery Rectifiers
CFRM101-G COMCHIP-CFRM101-G Datasheet
49Kb / 2P
SMD Fast Recovery Rectifiers
CFRA101-G COMCHIP-CFRA101-G_12 Datasheet
63Kb / 2P
SMD Fast Recovery Rectifiers
CFRB201-G COMCHIP-CFRB201-G_12 Datasheet
63Kb / 2P
SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G_12 Datasheet
63Kb / 2P
SMD Fast Recovery Rectifiers
CFRM101-G COMCHIP-CFRM101-G_12 Datasheet
96Kb / 4P
SMD Fast Recovery Rectifiers
CFRM101-HF COMCHIP-CFRM101-HF Datasheet
96Kb / 4P
SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
SMD Fast Recovery Rectifiers
logo
Formosa MS
FFM101-MS FORMOSA-FFM101-MS Datasheet
96Kb / 7P
SMD Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com