Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATV30C5V0-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ATV30C5V0-HF
Description  SMD Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ATV30C5V0-HF Datasheet(HTML) 2 Page - Comchip Technology

  ATV30C5V0-HF Datasheet HTML 1Page - Comchip Technology ATV30C5V0-HF Datasheet HTML 2Page - Comchip Technology ATV30C5V0-HF Datasheet HTML 3Page - Comchip Technology ATV30C5V0-HF Datasheet HTML 4Page - Comchip Technology ATV30C5V0-HF Datasheet HTML 5Page - Comchip Technology ATV30C5V0-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AQW-JTV03
RATING AND CHARACTERISTIC CURVES (ATV30C5V0-HF Thru. ATV30C441-HF)
Comchip Technology CO., LTD.
Page 2
REV:A
SMD Transient Voltage Suppressor
Company reserves the right to improve product design , functions and reliability without notice.
Pulse Width,td ( μS )
100
10
1
0.1
0.1
1.0
10
100
Ambient Temperature,TA (
OC )
0
Fig.1- Pulse Derating Curve
0
20
40
60
140
75
Fig.6- Typical Junction Capacitance
50
100
175
150
10000
1000
25
125
80
100
120
Lead Temperature , TL (°C)
0
0
1
3
7
25
75
100
175
2
6
50
125
150
5
4
Number of Cycles at 60Hz
1
0
350
10
100
200
200
100
150
300
250
8.3mS single half
sine-wave (JEDEC method)
TJ=TJ , max.
10000
1000
100
10
1
10
100
1000
1
Reverse Breakdown Voltage,VBR (V)
100000
Bi-directional
@zero bias
Uni-directional
@zero bias
Uni-directional
@VRWM
Bi-directional @ VRWM
TJ=25
f=1.0MHz
OC
Fig.5- Pulse Waveforem
Time, (mS)
0
0
1.0
4.0
50
100
3.0
2.0
Peak value
TR=10us
Half Value=
IRSM
2
TJ = 25°C
td
Pluse width(td) is defined as the
point where the peak current
decays to 50% of Ipp
10 / 1000
waveform
μsec.
as defined by R.E.A.
(Ipp)
Fig.3- Steady State Power
Derating Curve
Fig.4- Peak Pulse Power
Rating Curve
Fig.2- Max. Non-Repetitive
Surge Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com