Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LGCU-150C Datasheet(PDF) 7 Page - PAIRUI GROUP INC.

Part # LGCU-150C
Description  LED Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGCU-150C Datasheet(HTML) 7 Page - PAIRUI GROUP INC.

Back Button LGCU-150C Datasheet HTML 2Page - PAIRUI GROUP INC. LGCU-150C Datasheet HTML 3Page - PAIRUI GROUP INC. LGCU-150C Datasheet HTML 4Page - PAIRUI GROUP INC. LGCU-150C Datasheet HTML 5Page - PAIRUI GROUP INC. LGCU-150C Datasheet HTML 6Page - PAIRUI GROUP INC. LGCU-150C Datasheet HTML 7Page - PAIRUI GROUP INC. LGCU-150C Datasheet HTML 8Page - PAIRUI GROUP INC. LGCU-150C Datasheet HTML 9Page - PAIRUI GROUP INC. LGCU-150C Datasheet HTML 10Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Mechanical
No Dimming
0-10V Dimming/3 in 1 Dimming
PRODUCT SPECIFICATION
led power supplies
AC Input(18AWG* 3C)
DC Output(18AWG* 2C)
Red(V
+)
Black(V-)
Purple(DIM+)
Grey(DIM-)
Yellow(10V)
Black(ACL)
White(ACN)
Green(FG)
50
±5
15
±2
600
±20
228
201
197
39.5
300 20
±
50 5
±
15 2
±
50
±5
15 2
±
600
±20
228
201
197
39.5
300
±20
50 5
±
15 2
±
240
±20
AC Input(18AWG* 3C)
DC Output(18AWG* 2C)
Red(V
+)
Black(V-)
Black(ACL)
White(ACN)
Green(FG)
Updated 2016-V1.0-0720
www.pairuigroup.com
Page:6/9
PAIRUI ELECTRONICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com