Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GYCSHPM1.23 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GYCSHPM1.23
Description  SMT ceramic package with silicone resin and silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GYCSHPM1.23 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GYCSHPM1.23 Datasheet HTML 5Page - OSRAM GmbH GYCSHPM1.23 Datasheet HTML 6Page - OSRAM GmbH GYCSHPM1.23 Datasheet HTML 7Page - OSRAM GmbH GYCSHPM1.23 Datasheet HTML 8Page - OSRAM GmbH GYCSHPM1.23 Datasheet HTML 9Page - OSRAM GmbH GYCSHPM1.23 Datasheet HTML 10Page - OSRAM GmbH GYCSHPM1.23 Datasheet HTML 11Page - OSRAM GmbH GYCSHPM1.23 Datasheet HTML 12Page - OSRAM GmbH GYCSHPM1.23 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.1
GY CSHPM1.23
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
ΦV/ΦV(25 °C) = f(Tj); IF = 350 mA
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 350 mA
GY CSHPM1.23
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-2,0
-1,5
-1,0
-0,5
0,0
0,5
1,0
∆VF [V]
GY CSHPM1.23
-40 -20
0
20
40
60
80 100 120
Tj [°C]
0,0
0,5
1,0
1,5
2,0
Φ
v
Φ
v(25°C)
GY CSHPM1.23
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-20
-10
0
10
20
∆λ dom [nm]
Relative Forward Voltage 5) page 21
Relative Vorwärtsspannung 5) Seite 21
Relative Luminous Flux 5) page 21
Relativer Lichtstrom 5) Seite 21
Dominant Wavelength 5) page 21
Dominante Wellenlänge 5) Seite 21
2017-10-27
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com