Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAC9SM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LAC9SM
Description  SMD ceramic package with silicon resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAC9SM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LAC9SM Datasheet HTML 5Page - OSRAM GmbH LAC9SM Datasheet HTML 6Page - OSRAM GmbH LAC9SM Datasheet HTML 7Page - OSRAM GmbH LAC9SM Datasheet HTML 8Page - OSRAM GmbH LAC9SM Datasheet HTML 9Page - OSRAM GmbH LAC9SM Datasheet HTML 10Page - OSRAM GmbH LAC9SM Datasheet HTML 11Page - OSRAM GmbH LAC9SM Datasheet HTML 12Page - OSRAM GmbH LAC9SM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Released
LA C9SM, LY C9SM
2010-03-08
9
Maßzeichnung
8) Seite 15
Package Outlines
8) page 15
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15ppm H2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H2S / 336h
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
9 mg
Gurtung / Polarität und Lage
8) Seite 15
Verpackungseinheit 4000/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
8) page 15
Packing unit 4000/reel, ø180 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com