Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LLB20-C600 Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # LLB20-C600
Description  Constant Current LED Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LLB20-C600 Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LLB20-C600 Datasheet HTML 1Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 2Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 3Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 4Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 5Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 6Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 7Page - PAIRUI GROUP INC. LLB20-C600 Datasheet HTML 8Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
PartNumber
Nominal
Input Voltage
Output Current
Output Voltage
No Load
Output Voltage
Ripple
Certificate
LLU20
-C400
LLB20-C400
100
-240VAC
200-240VAC
400mA(27-42V)
48V
50%/5%
CE
LLU20-C450
LLB20-C450
100-240VAC
200-240VAC
450mA(27-42V)
48V
50%/5%
CE
LLU20
-C500
LLB20-C500
100-240VAC
200-240VAC
500mA(27-42V)
48V
50%/5%
CE
LLU20-C550
LLB20-C550
100-240VAC
200-240VAC
550mA(40-55V)
60V
50%/5%
CE
LLU20-C600
LLB20-C600
100-240VAC
200-240VAC
600mA(27-42V)
48V
50%/5%
CE
www.pairuigroup.com
Page:2/6
PAIRUI ELECTRONICS
NOTE:
1. Other output models are may available on request;
2. Add suffix “R” for flicker-free models.
Updated 2017-V1.0-0704



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com