Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AC138M Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC138M
Description  3 TO 8 LINE DECODER (INVERTING)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC138M Datasheet(HTML) 1 Page - STMicroelectronics

  74AC138M Datasheet HTML 1Page - STMicroelectronics 74AC138M Datasheet HTML 2Page - STMicroelectronics 74AC138M Datasheet HTML 3Page - STMicroelectronics 74AC138M Datasheet HTML 4Page - STMicroelectronics 74AC138M Datasheet HTML 5Page - STMicroelectronics 74AC138M Datasheet HTML 6Page - STMicroelectronics 74AC138M Datasheet HTML 7Page - STMicroelectronics 74AC138M Datasheet HTML 8Page - STMicroelectronics 74AC138M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2001
s
HIGH SPEED: tPD = 4.5ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 138
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC138 is an advanced high-speed CMOS
3 TO 8 LINE DECODER (INVERTING) fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS tecnology.
If the device is enabled, 3 binary select inputs (A,
B, and C) determine which one of the outputs will
go low. If enable input G1 is held low or either G2A
or G2B is held high, the decoding function is
inhibited and all the 8 outputs go to high.
Tree enable inputs are provided to ease cascade
connection and application of address decoders
for memory systems.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74AC138
3 TO 8 LINE DECODER (INVERTING)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC138B
SOP
74AC138M
74AC138MTR
TSSOP
74AC138TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC138M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC138M STMICROELECTRONICS-74AC138M Datasheet
275Kb / 10P
3 TO 8 LINE DECODER INVERTING
Apr-2001
logo
Fairchild Semiconductor
74AC138MTC FAIRCHILD-74AC138MTC Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
74AC138MTC FAIRCHILD-74AC138MTC Datasheet
103Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138MTC ONSEMI-74AC138MTC Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
logo
STMicroelectronics
74AC138MTR STMICROELECTRONICS-74AC138MTR Datasheet
275Kb / 10P
3 TO 8 LINE DECODER INVERTING
Apr-2001
More results

Similar Description - 74AC138M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
3 TO 8 LINE DECODER INVERTING
Jun-1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
3 TO 8 LINE DECODER INVERTING
Feb-1993
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
April 2001
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
29-Jul-2004
74VHC138 STMICROELECTRONICS-74VHC138_04 Datasheet
319Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
12-Nov-2004
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
16-Dec-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com