Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVCV2G66DC Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVCV2G66DC
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCV2G66DC Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVCV2G66DC Datasheet HTML 10Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 11Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 13Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 14Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 15Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 16Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 17Page - NXP Semiconductors 74LVCV2G66DC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
9397 750 13027
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 2 April 2004
14 of 23
Philips Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
14. Additional dynamic characteristics
Table 14:
Additional dynamic characteristics
At recommended conditions; typical values measured at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
dsin
sine-wave distortion
fi = 1 kHz; RL =10kΩ; CL = 50 pF;
see Figure 13
VCC = 2.3 V
-
0.42
-
%
VCC = 3.0 V
-
0.36
-
%
VCC = 4.5 V
-
0.47
-
%
fi = 10 kHz; RL =10kΩ; CL =50pF;
see Figure 13
VCC = 2.3 V
-
0.11
-
%
VCC = 3.0 V
-
0.07
-
%
VCC = 4.5 V
-
0.01
-
%
fON-state(res)
switch ON-state signal
frequency response
RL = 600 Ω; CL = 50 pF; fi = 1 MHz;
see Figure 14
[1]
VCC = 2.3 V
-
160
-
MHz
VCC = 3.0 V
-
200
-
MHz
VCC = 4.5 V
-
210
-
MHz
RL =50 Ω; CL = 5 pF; fi = 1 MHz;
see Figure 14
[1]
VCC = 2.3 V
-
180
-
MHz
VCC = 3.0 V
-
180
-
MHz
VCC = 4.5 V
-
180
-
MHz
αOFF(ft)
switch OFF-state signal
feed-through attenuation
RL = 600 Ω; CL = 50 pF; fi = 1 MHz;
see Figure 15
[2]
VCC = 2.3 V
-
−65
-
dB
VCC = 3.0 V
-
−65
-
dB
VCC = 4.5 V
-
−62
-
dB
RL =50 Ω; CL = 5 pF; fi = 1 MHz;
see Figure 15
[2]
VCC = 2.3 V
-
−37
-
dB
VCC = 3.0 V
-
−36
-
dB
VCC = 4.5 V
-
−36
-
dB
Vct(ctl-sw)
crosstalk between control
input to signal output
RL = 600 Ω; CL = 50 pF; fi = 1 MHz;
tr =tf = 2 ns; see Figure 16
VCC = 2.3 V
-
91
-
mV
VCC = 3.0 V
-
119
-
mV
VCC = 4.5 V
-
205
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com