Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LUWCJSN Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LUWCJSN
Description  SMD ceramic Package with Silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCJSN Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LUWCJSN Datasheet HTML 6Page - OSRAM GmbH LUWCJSN Datasheet HTML 7Page - OSRAM GmbH LUWCJSN Datasheet HTML 8Page - OSRAM GmbH LUWCJSN Datasheet HTML 9Page - OSRAM GmbH LUWCJSN Datasheet HTML 10Page - OSRAM GmbH LUWCJSN Datasheet HTML 11Page - OSRAM GmbH LUWCJSN Datasheet HTML 12Page - OSRAM GmbH LUWCJSN Datasheet HTML 13Page - OSRAM GmbH LUWCJSN Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2013-01-30
10
Version 1.1
LUW CJSN
Forward Current 5) page 22
Durchlassstrom 5) Seite22
IF = f (VF); TS = 25 °C
Relative Luminous Flux 5) page 22 , 6) page 22
Relativer Lichtstrom 5) Seite22 , 6) Seite 22
V/ V(100 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 5) page 22
Farbortverschiebung 5) Seite 22
Cx, Cy = f(IF); TS = 25 °C
LUW CJSN
2,6
2,8
3,0
3,2
3,4
VF [V]
50
100
150
200
250
IF [mA]
LUW CJSN
IF [mA]
0,0
0,5
1,0
1,5
2,0
ΦV
ΦV(100mA)
LUW CJSN
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
ΔCx
ΔCy
:
ΔCx
:
ΔCy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com