Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3166 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3166 Datasheet HTML 3Page - Analog Devices ADP3166 Datasheet HTML 4Page - Analog Devices ADP3166 Datasheet HTML 5Page - Analog Devices ADP3166 Datasheet HTML 6Page - Analog Devices ADP3166 Datasheet HTML 7Page - Analog Devices ADP3166 Datasheet HTML 8Page - Analog Devices ADP3166 Datasheet HTML 9Page - Analog Devices ADP3166 Datasheet HTML 10Page - Analog Devices ADP3166 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
ADP3166
–7–
THEORY OF OPERATION
The ADP3166 combines a multimode, fixed frequency PWM
control with multiphase logic outputs for use in 2-, 3-, and 4-phase
synchronous buck CPU core supply power converters. The
internal 5-bit VID DAC conforms to AMD’s Hammer family
power specifications. Multiphase operation is important for
producing the high currents and low voltages demanded by
today’s microprocessors. Handling the high currents in a single-
phase converter would place high thermal demands on the
components in the system such as the inductors and MOSFETs.
The multimode control of the ADP3166 ensures a stable, high
performance topology for
• Balancing currents and thermals between phases.
• High speed response at the lowest possible switching frequency
and output decoupling.
• Minimizing thermal switching losses due to lower frequency
operation.
• Tight load line regulation and accuracy.
• High current output from having up to 4-phase operation.
• Reduced output ripple utilizing multiphase cancellation.
• Immunity to board layout.
• Ease of use and design due to independent component
selection.
• Flexibility in operation for tailoring design to low cost or
high performance.
Number of Phases
The number of operational phases and their phase relationship
are determined by internal circuitry that monitors the PWM
outputs. Normally, the ADP3166 operates as a 4-phase PWM
controller. Grounding the PWM 4 pin programs 3-phase opera-
tion, and grounding the PWM3 and PWM4 pins programs
2-phase operation.
When the ADP3166 is enabled, the controller outputs a voltage
on PWM3 and PWM4 that is approximately 550 mV. An inter-
nal comparator checks each pin’s voltage versus a threshold of
400 mV. If the pin is grounded, it will be below the threshold
and the phase will be disabled. The output impedance of the
PWM pin is approximately 5 k
Ω. Any external pull-down resis-
tance connected to the PWM pin should not be less than 25 k
Ω
to ensure proper operation. The phase detection is made during
the first two clock cycles of the internal oscillator. After this
time, if the PWM output was not grounded, it will switch between
0V and 5 V. If the PWM output was grounded, it will remain off.
The PWM outputs are logic-level devices intended for driving
external gate drivers such as the ADP3418. Since each phase is
monitored independently, operation approaching 100% duty
cycle is possible. Also, more than one output can be on at a time
for overlapping phases.
Master Clock Frequency
The clock frequency of the ADP3166 is set with an external
resistor connected from the RT pin to ground. The frequency
follows the graph in TPC 1. To determine the frequency per
phase, the clock is divided by the number of phases in use. If
PWM4 is grounded, divide the master clock by 3 for the frequency
of the remaining phases. If PWM3 and PWM4 are grounded,
divide by 2. If all phases are in use, divide by 4.
Table I. VID Code vs. Output Voltage
VID4
VID3
VID2
VID1
VID0
VOUT(NOM) (V)
11111No CPU
11110
0.800
11101
0.825
11100
0.850
11011
0.875
11010
0.900
11001
0.925
11000
0.950
10111
0.975
10110
1.000
10101
1.025
10100
1.050
10011
1.075
10010
1.100
10001
1.125
10000
1.150
01111
1.175
01110
1.200
01101
1.225
01100
1.250
01011
1.275
01010
1.300
01001
1.325
01000
1.350
00111
1.375
00110
1.400
00101
1.425
00100
1.450
00011
1.475
00010
1.500
00001
1.525
00000
1.550
Output Voltage Differential Sensing
The ADP3166 combines differential sensing with a high accu-
racy VID DAC and reference and a low offset error amplifier to
maintain a worst-case specification of
±1% differential sensing
error over its full operating output voltage and temperature
range. The output voltage is sensed between the FB and
FBRTN pins. FB should be connected through a resistor to the
regulation point, usually the remote sense pin of the micropro-
cessor. FBRTN should be connected directly to the remote
sense ground point. The internal VID DAC and precision refer-
ence are referenced to FBRTN, which has a minimal current of
100
µA to allow accurate remote sensing. The internal error
amplifier compares the output of the DAC to the FB pin to
regulate the output voltage.
Output Current Sensing
The ADP3166 provides a dedicated current sense amplifier
(CSA) to monitor the total output current for proper voltage
positioning versus load current, and for current limit detection.
Sensing the load current at the output gives the total average
current being delivered to the load, which is an inherently more
accurate method than peak current detection or sampling the
current across a sense element such as the low-side MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com