Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMB08-02BPSVC0S Datasheet(PDF) 3 Page - SICK AG

Part # IMB08-02BPSVC0S
Description  INDUCTIVE PROXIMITY SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IMB08-02BPSVC0S Datasheet(HTML) 3 Page - SICK AG

  IMB08-02BPSVC0S Datasheet HTML 1Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 2Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 3Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 4Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 5Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 6Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 7Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IMB08-02BPSVC0S | IMB
INDUCTIVE PROXIMITY SENSORS
Bit 1 = Sa reached
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 10 %
Voltage drop
≤ 2 V 1)
Current consumption
≤ 10 mA 2)
Hysteresis
3 % ... 20 %
Reproducibility
≤ 2 % 3) 4)
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2
Continuous current Ia
≤ 200 mA
Short-circuit protection
✔
Reverse polarity protection
✔
Power-up pulse protection
✔
Shock and vibration resistance
100 g / 11 ms / 1000 cycles; 150 g / 1 Mio cycles; 10 Hz ... 55 Hz, 1 mm / 55 z ... 500 Hz /
15 g
Ambient operating temperature
–40 °C ... +100 °C
Housing material
Stainless steel, V2A (1.4305)
Sensing face material
Plastic, LCP
Housing length
60 mm
Thread length
32 mm
Tightening torque, max.
Typ. 14 Nm 5)
UL File No.
E181493
1) At Ia max.
2) Without load.
3) Ub and Ta constant.
4) Of Sr.
5) Valid if toothed side of nut is used.
Reduction factors
Note
The values are reference values which may vary
Stainless steel (V2A, 304)
Approx. 0.74
Aluminum (Al)
Approx. 0.43
Copper (Cu)
Approx. 0.33
Brass (Br)
Approx. 0.46
Installation note
Remark
Associated graphic see "Installation"
B
6.5 mm
C
8 mm
D
6 mm
F
16 mm
2018-05-04 11:42:19 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com