Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2148 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2148
Description  1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2148 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2148 Datasheet HTML 11Page - Monolithic Power Systems MP2148 Datasheet HTML 12Page - Monolithic Power Systems MP2148 Datasheet HTML 13Page - Monolithic Power Systems MP2148 Datasheet HTML 14Page - Monolithic Power Systems MP2148 Datasheet HTML 15Page - Monolithic Power Systems MP2148 Datasheet HTML 16Page - Monolithic Power Systems MP2148 Datasheet HTML 17Page - Monolithic Power Systems MP2148 Datasheet HTML 18Page - Monolithic Power Systems MP2148 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP2148 –1A SYNCHRONOUS STEP-DOWN CONVERTER WITH 11µA IQ IN ULTRA-SMALL 1X1.5mm QFN
MP2148 Rev. 1.11
www.MonolithicPower.com
15
5/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
on-timer generator, the operation mode is
below in Figure 6.
HS_ driver
VREF
VFB
COT
Generator
EN
IAAM
IL_ sense
R
SQ
FBCOMP
AAMCOMP
Figure 5: Simplified AAM Control Logic
Figure 6: AAM Comparator Control Ton
If the AAM comparator pulse is shorter than on-
timer generator, the operation mode is below in
Figure
7.
Generally,
using
very
small
inductance may bring this case.
AAM
Io
IL
b. Increase load in on-timer
AAM
Io
IL
a. Light load in on-timer
Figure 7: On-Timer Control Ton
Except upper on-timer method, AAM circuit has
another 150ns AAM blank time in sleep mode.
That means if on-timer is less than 150ns, the
high side MOSFET may turn off after on-timer
generator pulse without AAM control. Just a
remind, the on-time pulse at sleep mode is
around 40% larger than that on DCM or CCM
mode. At this condition, IL may not reach AAM
threshold as Figure 8.
Figure 8: AAM Blank Time in Sleep Mode
Figure9 shows AAM threshold decreases with
Ton increasing gradually. For the CCM state, Io
needs more than half of AAM threshold at least.
Figure 9: AAM Threshold decreases with Ton
Increases.
MP2148 have a zero current cross detect circuit
(ZCD) to judge if the inductor current starts to
reverse. When the inductor current reaches
ZCD threshold, the low side switch will be
turned off.
AAM mode together with ZCD circuit make
MP2148 always work on DCM mode at light
load, even if Vo is closed to Vin.
Enable
When input voltage is greater than the under-
voltage lockout threshold (UVLO), typically 2V,
MP2148 can be enabled by pulling EN pin to
higher than 1.2V. Leaving EN pin float or pull
down to ground will disable MP2148. There is
an internal 1Meg Ohm resistor from EN pin to
ground.
When the device is disabled, the part goes into
output discharge mode automatically and its
internal discharge MOSFET provides a resistive
discharge path for the output capacitor.
Soft Start
The MP2148 has a built-in soft start that ramps
up the output voltage at a controlled slew rate
to avoid overshoot at startup. The soft start time
is about 0.5ms typically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com