Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5253B-8GDPR5 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5253B-8GDPR5
Description  3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-8GDPR5 Datasheet(HTML) 6 Page - ON Semiconductor

  CS5253B-8GDPR5 Datasheet HTML 1Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 2Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 3Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS5253B−8
http://onsemi.com
6
Figure 15. Stability vs ESR
6
5
3
1
0
010
20
30
50
40
Capacitance (
mF)
60
70
80
90
100
4
2
VPOWER = 3.3 V
VCONTROL = 5.0 V
ILOAD = 0 to 3.0 A
Unstable
Stable Region
VOUT = 2.5 V
VOUT Shorted to VSENSE
TJ = 0°C to 150°C
APPLICATIONS NOTES
THEORY OF OPERATION
The CS5253B−8 linear regulator is fixed at 2.5 V at
currents up to 3.0 A. The regulator is protected against short
circuits, and includes a thermal shutdown circuit with
hysteresis. The output, which is current limited, consists of
a PNP−NPN transistor pair and requires an output capacitor
for stability.
VPOWER Function
The CS5253B−8 utilizes a two supply approach to
maximize efficiency. The collector of the power device is
brought out to the VPOWER pin to minimize internal power
dissipation under high current loads. VCONTROL provides
for the control circuitry and the drive for the output NPN
transistor. VCONTROL should be at least 1.0 V greater than
the output voltage. Special care has been taken to ensure that
there are no supply sequencing problems. The output
voltage will not turn on until both supplies are operating. If
the control voltage comes up first, the output current will be
limited to about three milliamperes until the power input
voltage comes up. If the power input voltage comes up first,
the output will not turn on at all until the control voltage
comes up. The output can never come up unregulated.
The CS5253B−8 can also be used as a single supply device
with the control and power inputs tied together. In this mode,
the dropout will be determined by the minimum control
voltage.
Output Voltage Sensing
The CS5253B−8 five terminal linear regulator includes a
dedicated VSENSE function. This allows for true Kelvin
sensing of the output voltage. This feature can virtually
eliminate errors in the output voltage due to load regulation.
Regulation will be optimized at the point where the sense pin
is tied to the output.
DESIGN GUIDELINES
Remote Sense
Remote sense operation can be easily obtained with the
CS5253B−8 but some care must be paid to the layout and
positioning of the filter capacitors around the part. The
ground side of the input capacitors on the +5.0 V and +3.3 V
lines and the local VOUT−to−ground output capacitor on the
IC must be tied close to the ground pin of the regulator. This
will establish the stability of the part. The IC ground may
then be connected to ground remotely at the load, giving the
ground portion remote sense operation.
The VSENSE line can then be tied remotely at the positive
load connection, giving the feedback remote sense
operation. The remote sense lines should be Kelvin
connected so as to eliminate the effect of load current
voltage drop. An optional bypass capacitor may be used at
the load to reduce the effect of load variations and spikes.
Current Limit
The internal current limit circuit limits the output current
under excessive load conditions.
Short Circuit Protection
The device includes short circuit protection circuitry that
clamps the output current at approximately 500mA less than
its current limit value. This provides for a current foldback
function, which reduces power dissipation under a direct
shorted load.
Thermal Shutdown
The thermal shutdown circuitry is guaranteed by design to
activate above a die junction temperature of approximately
150
°C and to shut down the regulator output. This circuitry
has 25
°C of typical hysteresis, thereby allowing the
regulator to recover from a thermal fault automatically.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com