Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5253B-8GDPR5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5253B-8GDPR5G
Description  3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-8GDPR5G Datasheet(HTML) 3 Page - ON Semiconductor

  CS5253B-8GDPR5G Datasheet HTML 1Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 2Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 3Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 4Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 5Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 6Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 7Page - ON Semiconductor CS5253B-8GDPR5G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS5253B−8
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (0
°C ≤ TA ≤ 70°C; 0°C ≤ TJ ≤ 150°C; VSENSE = VOUT and GND = 0 V; unless
otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VCONTROL Dropout Voltage
(Minimum VCONTROL − VOUT)
(Note 5)
VPOWER = 3.13 V, IOUT = 100 mA
VPOWER = 3.13 V, IOUT = 1.0 A
VPOWER = 3.13 V, IOUT = 3.0 A
−
−
−
0.90
1.00
1.05
1.15
1.15
1.30
V
V
V
VPOWER Dropout Voltage
(Minimum VPOWER − VOUT)
(Note 5)
VCONTROL = 3.9 V, IOUT = 100 mA
VCONTROL = 3.9 V, IOUT = 1.0 A
VCONTROL = 3.9 V, IOUT = 3.0 A
−
−
−
0.05
0.15
0.40
0.15
0.25
0.60
V
V
V
RMS Output Noise
Freq = 10 Hz to 10 kHz, TA = 25°C
−
0.003
−
%VOUT
Temperature Stability
−
0.5
−
−
%
Thermal Shutdown (Note 6)
−
150
180
210
°C
Thermal Shutdown Hysteresis
−
−
25
−
°C
VCONTROL Supply Only Output
Current
VCONTROL = 13 V, VPOWER Not Connected,
GND = VOUT = VSENSE = 0 V
−
−
50
mA
VPOWER Supply Only Output
Current
VPOWER = 6.0 V, VCONTROL Not Connected,
GND = VOUT = VSENSE = 0 V
−
0.1
1.0
mA
5. Dropout is defined as either the minimum control voltage (VCONTROL) or minimum power voltage (VPOWER) to output voltage differential
required to maintain 1.5% regulation at a particular load current.
6. This parameter is guaranteed by design, but not parametrically tested in production. However, a 100% thermal shutdown functional test
is performed on each part.
PACKAGE PIN DESCRIPTION
Package
Pin #
Pin
Symbol
Function
1
VSENSE
This Kelvin sense pin allows for remote sensing of the output voltage at the load for improved regulation. It is
internally connected to the positive input of the voltage sensing error amplifier.
2
GND
This pin is connected to system ground.
3
VOUT
This pin is connected to the emitter of the power pass transistor and provides a regulated voltage capable of
sourcing 3.0 A of current.
4
VCONTROL This is the supply voltage for the regulator control circuitry. For the device to regulate, this voltage should be
between 0.9 V and 1.3 V (depending on the output current) greater than the output voltage. The control pin
current will be about 1.0% of the output current.
5
VPOWER
This is the power input voltage. This pin is physically connected to the collector of the power pass transistor. For
the device to regulate, this voltage should be between 0.1 V and 0.6 V greater than the output voltage depending
on the output current. The output load current of 3.0 A is supplied through this pin.
Figure 2. Block Diagram
−
+
+
−
BIAS
and
TSD
VREF
EA
IA
VOUT
VSENSE
GND
VPOWER
VCONTROL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com