Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL6501A Datasheet(PDF) 13 Page - SHANGHAI BELLING CO., LTD.

Part # BL6501A
Description  Single Phase Energy Meter IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6501A Datasheet(HTML) 13 Page - SHANGHAI BELLING CO., LTD.

Back Button BL6501A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6501A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6501A Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL6501A Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL6501A Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL6501A Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL6501A Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL6501A Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL6501A Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
BL6501A
BL6501A
BL6501A
BL6501A
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
http://www.belling.com.cn
- 13 -
3/1/2007
Total 15 Pages
current
sampling
V1A
V1N
V1B
0V
V1A
V1B
V1A < 87.5% V1B
to ADC
FAULT
Figure 9. Fault Conditions for Inactive Input Greater than Active Input
Power Supply Monitor
The BL6501A contains an on-chip power supply monitor. If the supply is less than 4V±5% then
the BL6501A will go in an inactive state, i.e. no energy will be accumulated when the supply
voltage is below 4V. This is useful to ensure correct device operation at power up and during
power down. The power supply monitor has built-in hysteresis and filtering. This gives a high
degree of immunity to false triggering due to noisy supplies.
The trigger level is nominally set at 4V, and the tolerance on this trigger level is about ±5%. The
power supply and decoupling for the part should be such that the ripple at VDD does not exceed
5V±5% as specified for normal operation.
SLiM technology
The BL6501A adopts the technology of SLiM (Smart Low current Management) to decrease the
static power greatly. The static power of BL6501A is about 12mW. It is half of the previous
product BL0951 (about 25mW ).This technology also decreases the request for power supply
design.
BL65XX series products used 0.35um CMOS process. The reliability and consistency are
advanced.
OPERATION MODE
Transfer Function
The BL6501A calculates the product of two voltage signals (on Channel 1 and Channel 2) and
then low-pass filters this product to extract real power information. This real power information is
then converted to a frequency. The frequency information is output on F1 and F2 in the form of
active low pulses. The pulse rate at these outputs is relatively low. It means that the frequency at
these outputs is generated from real power information accumulated over a relatively long period
of time. The result is an output frequency that is proportional to the average real power. The
average of the real power signal is implicit to the digital-to-frequency conversion. The output
frequency or pulse rate is related to the input voltage signals by the following equation. (use
3.58MHz oscillator)
2
)
(
)
(
74
.
5
REF
Z
V
F
gain
i
V
v
V
Freq
×
×
×
×
=
Freq——Output frequency on F1 and F2 (Hz)
V(v)——Differential rms voltage signal on Channel 1 (volts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com