Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPE675 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LPE675
Description  white PLCC-4 package, colorless clear resin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LPE675 Datasheet(HTML) 1 Page - OSRAM GmbH

  LPE675 Datasheet HTML 1Page - OSRAM GmbH LPE675 Datasheet HTML 2Page - OSRAM GmbH LPE675 Datasheet HTML 3Page - OSRAM GmbH LPE675 Datasheet HTML 4Page - OSRAM GmbH LPE675 Datasheet HTML 5Page - OSRAM GmbH LPE675 Datasheet HTML 6Page - OSRAM GmbH LPE675 Datasheet HTML 7Page - OSRAM GmbH LPE675 Datasheet HTML 8Page - OSRAM GmbH LPE675 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-09-18
1
2013-09-18
Power TOPLED
Datasheet
Version 1.0
LP E675
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators on
vehicles and for display panels for traffic control
systems.
PowerTOPLED, ein leistungsstarkes Mitglied der
TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
• Package: white PLCC-4 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: pure green (560 nm)
• Farbe: pure green (560 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• Backlighting
• Hinterleuchtung
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Coupling into Light Guides
• Einkopplung in Lichtleiter
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LPE675

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE6562 VISHAY-LPE6562 Datasheet
118Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
04-Dec-14
LPE6562ER100MG VISHAY-LPE6562ER100MG Datasheet
111Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE6562ER100MG VISHAY-LPE6562ER100MG Datasheet
120Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
04-Dec-14
LPE6562ER100MG VISHAY-LPE6562ER100MG Datasheet
118Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
04-Dec-14
LPE6562ER100MG VISHAY-LPE6562ER100MG Datasheet
102Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
04-Dec-14
More results

Similar Description - LPE675

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LY-E65F OSRAM-LY-E65F Datasheet
548Kb / 21P
white PLCC-4 package, colorless clear resin
LO-E67F OSRAM-LO-E67F Datasheet
445Kb / 20P
white PLCC-4 package, colorless clear resin
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
white PLCC-4 package, colorless clear resin
LA-E65B OSRAM-LA-E65B Datasheet
532Kb / 20P
white PLCC-4 package, colorless clear resin
LA-ETSF OSRAM-LA-ETSF Datasheet
612Kb / 21P
white PLCC-4 package, colorless clear resin
LS-E63F OSRAM-LS-E63F Datasheet
378Kb / 22P
white PLCC-4 package, colorless clear resin
LS-E67F OSRAM-LS-E67F Datasheet
439Kb / 20P
white PLCC-4 package, colorless clear resin
LT-E63C OSRAM-LT-E63C Datasheet
647Kb / 22P
white PLCC-4 package, colorless clear resin
LY-E65B OSRAM-LY-E65B Datasheet
534Kb / 20P
white PLCC-4 package, colorless clear resin
LSG-T67K OSRAM-LSG-T67K Datasheet
550Kb / 18P
white PLCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com