Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F017D-150FE Datasheet(PDF) 12 Page - SPANSION

Part # AM29F017D-150FE
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F017D-150FE Datasheet(HTML) 12 Page - SPANSION

Back Button AM29F017D-150FE Datasheet HTML 8Page - SPANSION AM29F017D-150FE Datasheet HTML 9Page - SPANSION AM29F017D-150FE Datasheet HTML 10Page - SPANSION AM29F017D-150FE Datasheet HTML 11Page - SPANSION AM29F017D-150FE Datasheet HTML 12Page - SPANSION AM29F017D-150FE Datasheet HTML 13Page - SPANSION AM29F017D-150FE Datasheet HTML 14Page - SPANSION AM29F017D-150FE Datasheet HTML 15Page - SPANSION AM29F017D-150FE Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Am29F017D
11
Table 2.
Sector Address Table
Note: All sectors are 64 Kbytes in size.
Sector
A20
A19
A18
A17
A16
Address Range
SA0
000
00
000000h–00FFFFh
SA1
0
0
0
0
1
010000h–01FFFFh
SA2
0
0
0
1
0
020000h–02FFFFh
SA3
0
0
0
1
1
030000h–03FFFFh
SA4
0
0
1
0
0
040000h–04FFFFh
SA5
0
0
1
0
1
050000h–05FFFFh
SA6
0
0
1
1
0
060000h–06FFFFh
SA7
0
0
1
1
1
070000h–07FFFFh
SA8
0
1
0
0
0
080000h–08FFFFh
SA9
0
1
0
0
1
090000h–09FFFFh
SA10
0
1
0
1
0
0A0000h–0AFFFFh
SA11
0
1
0
1
1
0B0000h–0BFFFFh
SA12
0
1
1
0
0
0C0000h–0CFFFFh
SA13
0
1
1
0
1
0D0000h–0DFFFFh
SA14
0
1
1
1
0
0E0000h–0EFFFFh
SA15
0
1
1
1
1
0F0000h–0FFFFFh
SA16
1
0
0
0
0
100000h–10FFFFh
SA17
1
0
0
0
1
110000h–11FFFFh
SA18
1
0
0
1
0
120000h–12FFFFh
SA19
1
0
0
1
1
130000h–13FFFFh
SA20
1
0
1
0
0
140000h–14FFFFh
SA21
1
0
1
0
1
150000h–15FFFFh
SA22
1
0
1
1
0
160000h–16FFFFh
SA23
1
0
1
1
1
170000h–17FFFFh
SA24
1
1
0
0
0
180000h–18FFFFh
SA25
1
1
0
0
1
190000h–19FFFFh
SA26
1
1
0
1
0
1A0000h–1AFFFFh
SA27
1
1
0
1
1
1B0000h–1BFFFFh
SA28
1
1
1
0
0
1C0000h–1CFFFFh
SA29
1
1
1
0
1
1D0000h–1DFFFFh
SA30
1
1
1
1
0
1E0000h–1EFFFFh
SA31
1
1
1
1
1
1F0000h–1FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com