Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH320FA Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH320FA
Description  Silicon NPN Phototransistor in SMT TOPLED짰-Package Version 1.4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH320FA Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH320FA Datasheet HTML 1Page - OSRAM GmbH SFH320FA Datasheet HTML 2Page - OSRAM GmbH SFH320FA Datasheet HTML 3Page - OSRAM GmbH SFH320FA Datasheet HTML 4Page - OSRAM GmbH SFH320FA Datasheet HTML 5Page - OSRAM GmbH SFH320FA Datasheet HTML 6Page - OSRAM GmbH SFH320FA Datasheet HTML 7Page - OSRAM GmbH SFH320FA Datasheet HTML 8Page - OSRAM GmbH SFH320FA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Version 1.4
SFH 320 FA
2015-12-08
3
Grouping (TA = 25 °C, λ = 950 nm)
Group
Min Photocurrent
Max Photocurrent Rise and fall time
Collector-emitter
saturation
voltage
E
e = 0.1 mW/cm
2,
VCE = 5 V
E
e = 0.1 mW/cm
2,
VCE = 5 V
I
C = 1 mA, VCC = 5
V, RL = 1 kΩ
I
C = IPCEmin x 0.3, Ee
= 0.1 mW/cm
2
IPCE, min [µA]
IPCE, max [µA]
tr, tf [µs]
VCEsat [mV]
-2
16
32
6
150
-3
25
50
7
150
-4
40
80
8
150
Note.:
IPCEmin is the min. photocurrent of the specified group.
Relative Spectral Sensitivity 1) page 13
Srel = f(λ)
Photocurrent 1) page 13
IPCE = f(Ee), VCE = 5 V
λ
OHF00468
0
rel
S
400
20
40
60
80
%
100
nm
500 600 700 800 900
1100
E
OHF01924
e
PCE
Ι
10
-1
10
-3
10
-2
10
0
10
0
10
1
10
2
10
3
2
mW/cm
2
3
4
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com