Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH7740 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH7740
Description  Reflexlichtschranke Reflective Optical Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7740 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH7740 Datasheet HTML 2Page - OSRAM GmbH SFH7740 Datasheet HTML 3Page - OSRAM GmbH SFH7740 Datasheet HTML 4Page - OSRAM GmbH SFH7740 Datasheet HTML 5Page - OSRAM GmbH SFH7740 Datasheet HTML 6Page - OSRAM GmbH SFH7740 Datasheet HTML 7Page - OSRAM GmbH SFH7740 Datasheet HTML 8Page - OSRAM GmbH SFH7740 Datasheet HTML 9Page - OSRAM GmbH SFH7740 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SFH 7740
2009-01-14
6
Schaltabstand und Reflektoreigenschaften
Switching distance and reflector characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Reflektor Reflektivität
Reflector reflectivity
λ = 850nm
R
R 850nm
50
%
Absorber Reflektivität
Absorber reflectivity
λ = 850nm
R
A 850nm
9
%
Kontrast Verhältnis (Reflektor / Absorber)
contrast ratio (Reflector / absorber)
R
R 850nm /
R
A 850nm
10
Reflektor und Absorber Größe
1) (B x L)
Reflector and absorber size
1) (w x l)
1)
siehe / see Application note: „Reflective Optical Sensor SFH 7740“.
A
reflector
A
absorber
Einstellbarer Arbeitsabstand
2)
Adjustiable working distance
2)
2)
Der Abeitsabstand d ist definiert von der Sensoroberfläche bis zum Reflektor. d
min und dmax können nur mit einem
Reflektor (Reflektionsgrad R>60%) und Absorber (R<6%) erreicht werden.
* The working distance d is defined from top of the sensor to reflector surface. d
min and dmax can only be reached with
a reflector (reflection coefficient R>60%) and absorber ( R<6%).
d
0.5
4
mm
Variation des Arbeitsabstandes
1)
Variation of working distance
1)
Δd
+/- 0.4
mm
Graph 1: Adjustion of different working distances by emitter current I
f and Rprog as func
10
20
30
40
50
60
0.5
1
1.5
2
2.5
3
3.5
4
d / mm
50%
60%
70%
80%
90%
R
prog
V
dd
6
×
I
f
10mA
–
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com