Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZFSWA2R-63DR Datasheet(PDF) 3 Page - Mini-Circuits

Part # ZFSWA2R-63DR
Description  SPDT RF Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFSWA2R-63DR Datasheet(HTML) 3 Page - Mini-Circuits

  ZFSWA2R-63DR Datasheet HTML 1Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 2Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 3Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 4Page - Mini-Circuits ZFSWA2R-63DR Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZFSWA2R-63DR+
SPDT RF Switch
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 5
RF Electrical Specifications, 500 - 6000 MHz, TAMB=25°C, VDD= +3V to +5V
Parameter
Condition
Min.
Typ.
Max.
Units
Frequency Range
500
6000
MHz
Insertion Loss
500 MHz
1.0
1.3
dB
1000 MHz
1.15
1.5
2000 MHz
1.4
1.7
4000 MHz
1.7
2.1
6000 MHz
2.0
2.6
Isolation between Common port and RF1/RF2 Ports
500 to 2000 MHz
50
65
dB
2000 to 4000 MHz
48
57
4000 to 6000 MHz
35
45
Isolation between RF1 and RF2 ports
500 to 2000 MHz
50
60
dB
2000 to 4000 MHz
43
50
4000 to 6000 MHz
35
45
Return Loss (ON STATE)
500 to 2000 MHz
20
dB
2000 to 4000 MHz
17
4000 to 6000 MHz
15
Return Loss @ RF1/RF2 ports (OFF STATE)
500 to 2000 MHz
17
dB
2000 to 4000 MHz
19
4000 to 6000 MHz
16
Input IP3
V
DD=3V, 500 to 2000 MHz
47
dBm
2000 to 6000 MHz
40
V
DD=5V, 500 to 2000 MHz
49
2000 to 6000 MHz
44
Input 1dB Compression (1)
V
DD=3V, 500 to 2000 MHz
24
dBm
2000 to 6000 MHz
24
V
DD=5V, 500 to 2000 MHz
30
2000 to 6000 MHz
27
DC Electrical Specifications
VDD, Supply Voltage
3
5
V
Supply Current (2)
V
DD=5V
50
µA
Control Voltage Low
0
0.5
V
Control Voltage High (3)
2.7(4)
V
DD
V
Control Current
5
µA
Switching Specifications
Rise/Fall Time (10 to 90% or 90 to 10% RF)
V
DD=5V
25
nSec
Switching Time (50% CTRL to 90/10% RF)
V
DD=5V
35
nSec
Video Feed through (Control 0-5V, Frequency 1 MHz)
V
DD=5V
30
mV
P-P
Notes:
1. Note absolute maximum rating for input and dissipated power. At 5V, over 2000-6000 MHz, 0.2 dB compression.
2. Increases with switching repetition rate. See graph.
3. CMOS interface latch-up condition may occur when logic high signal is applied prior to power supply.
4. 3.5V for VDD=4 to 5V
Absolute Maximum Ratings
Parameter
Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
V
DD, Supply Voltage
2.7 to 5.5V
Voltage Control
-0.2V Min. VDD Max.
RF input power
1Watt
Dissipated Power at 25°C
370mW
ESD, HBM
Class 1A (250 to <500V) per JESD22-A114
ESD, MM
Class A (passes 50V) per JESD22-A115
ESD, CDM
Class III (500 to <1000V) per JESD22-C101



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com