Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRPLLNR7 Datasheet(PDF) 13 Page - International Rectifier

Part # IRPLLNR7
Description  The IRPLLNR7 Demo Board is a high efficiency, high power factor, fixed output electronic ballast designed for driving rapid start fluorescent lamp types.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLNR7 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRPLLNR7 Datasheet HTML 9Page - International Rectifier IRPLLNR7 Datasheet HTML 10Page - International Rectifier IRPLLNR7 Datasheet HTML 11Page - International Rectifier IRPLLNR7 Datasheet HTML 12Page - International Rectifier IRPLLNR7 Datasheet HTML 13Page - International Rectifier IRPLLNR7 Datasheet HTML 14Page - International Rectifier IRPLLNR7 Datasheet HTML 15Page - International Rectifier IRPLLNR7 Datasheet HTML 16Page - International Rectifier IRPLLNR7 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
RD-0609
www.irf.com
17.Run Mode
During the Run mode the frequency is shifted to the run frequency. The run frequency is determined
only by RT. The 1 V to 3 V end-of-life window comparator in the SD pin is enabled at the beginning
of the Run mode. The full explanation of the functionality of the end-of-life sensing is in the section on
Fault Mode. The Run mode frequency is that at which the lamp is driven to the lamp manufacturer’s
recommended lamp power rating. The running frequency of the lamp resonant output stage for selected
component values is defined as,
f
LC
P
CV
LC
P
CV
V
V
LC
run
Lamp
Lamp
Lamp
Lamp
DCbus
Lamp
=− ⎛
⎝⎜
⎞
⎠⎟
+− ⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
−
− ⎛
⎝⎜
⎞
⎠⎟
1
2
1
2
1
24
1
2
2
2
2
2
2
2
22
π
π
where,
L
= Lamp resonant circuit inductor (L3)
(H)
C
= Lamp resonant circuit capacitor (C14)
(F)
PLamp
= Lamp running power
(W)
VLamp
= Lamp running voltage amplitude
(V)
Figure 6 shows the voltage appearing across the lamp during Startup, Preheat, Ignition Ramp and Run
modes.
Fig. 6: Preheat, Ignition Ramp and Run Voltage in the lamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com