Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP92325 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP92325
Description  24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP92325 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP92325 Datasheet HTML 8Page - Monolithic Power Systems MP92325 Datasheet HTML 9Page - Monolithic Power Systems MP92325 Datasheet HTML 10Page - Monolithic Power Systems MP92325 Datasheet HTML 11Page - Monolithic Power Systems MP92325 Datasheet HTML 12Page - Monolithic Power Systems MP92325 Datasheet HTML 13Page - Monolithic Power Systems MP92325 Datasheet HTML 14Page - Monolithic Power Systems MP92325 Datasheet HTML 15Page - Monolithic Power Systems MP92325 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP92325 – 24V, 3A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP92325 Rev. 1.0
www.MonolithicPower.com
13
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PCB Layout Guidelines
(6)
Efficient PCB layout is critical for stable
operation. For best results, refer to Figure 7 and
follow the guidelines below.
1. Keep the connection of the input ground
and GND as short and wide as possible.
2. Keep the connection of the input capacitor
and IN as short and wide as possible.
3. Ensure that all feedback connections are
short and direct.
4. Place
the
feedback
resistors
and
compensation components as close to the
chip as possible.
5. Route SW away from sensitive analog
areas such as FB.
NOTE:
6)
The recommended layout is based on Figure 8: Typical
Application Circuit on page 14.
Figure 7: Sample Board Layout
Design Example
Table 2 is a design example following the
application guidelines for the specifications
below.
Table 2: Design Example
VIN
19V
VOUT
5V
IO
3A
The detailed application schematics are shown
in Figure 8 through Figure 13. The typical
performance and circuit waveforms are shown
in the Typical Performance Characteristics
section. For more device applications, please
refer to the related evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com