Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCMB_8121-RC Datasheet(PDF) 1 Page - Allied Components International

Part # VCMB_8121-RC
Description  Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

VCMB_8121-RC Datasheet(HTML) 1 Page - Allied Components International

  VCMB_8121-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCMB81xx / VCMBE81xx
Common Mode Choke
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
*Replace “_” with “E” for encased core.
All specifications subject to change without notice.
0.250
0.250
0.250
0.400
0.400
0.400
0.400
0.400
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.700
0.700
0.700
VCMB8101-RC
VCMB8102-RC
VCMB8103-RC
*VCMB_8104-RC
*VCMB_8105-RC
*VCMB_8106-RC
*VCMB_8107-RC
*VCMB_8108-RC
*VCMB_8109-RC
*VCMB_8110-RC
*VCMB_8111-RC
*VCMB_8112-RC
*VCMB_8113-RC
*VCMB_8114-RC
*VCMB_8115-RC
*VCMB_8116-RC
*VCMB_8117-RC
*VCMB_8118-RC
*VCMB_8119-RC
*VCMB_8120-RC
*VCMB_8121-RC
Allied
Part
Number
L(mH)
Min
@1KHz
IDC
(A)
Dim
B±0.01
Inch
Dim
C±0.015
Inch
4
2.5
1
10
7
5
2
1
30
20
12
8
5
2.5
1.2
50
36
7.3
4
2.4
1
0.760
0.760
0.760
1.20
1.20
1.20
1.20
1.20
1.35
1.35
1.35
1.35
1.45
1.45
1.50
1.55
1.55
1.65
1.70
1.70
1.70
0.173
0.090
0.022
0.170
0.120
0.070
0.022
0.010
0.330
0.210
0.110
0.055
0.022
0.011
0.006
0.450
0.300
0.032
0.012
0.008
0.007
0.425
0.425
0.425
0.60
0.60
0.60
0.60
0.60
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.90
0.90
0.90
0.600
0.600
0.600
0.800
0.800
0.800
0.800
0.800
0.900
0.900
0.900
0.900
0.900
0.900
0.900
0.900
0.900
0.900
1.200
1.200
1.200
Dim
A Max
Inch
1.7
2.4
4.8
2.4
2.8
3.7
6.6
10
2.3
2.9
4.0
5.6
8.9
12.5
16.0
2.3
2.9
9.3
14.5
17
20
DCR
(Ω)
Max
Features
• Solid Base for Stable Verticle Mounting
• Wide Range of Values and Current Ratings
• Excellent EMI Suppression
• Fixed pins for easy PCB insertion
• *Optional Encased Cores
Electrical
Inductance Range:
Tolerance: Inductance shown in min. L
Test Frequency: 1KHz
Dielectric Strength:
• Without Encased Core 1500Vrms
• With Encased Core - 3000Vrms
Base: VW-1 Flamability Rating
1.0mH to 50mH
Operating Temp: -55ºC to 105ºC
Temp Rise: Idc based on a 35ºC temp rise Typ.
REVISED 02/06/2017
Dim
D±0.015
Inch
Dim
E Max
Inch
Dim
F Max
Inch
0.90
0.90
0.90
1.20
1.20
1.20
1.20
1.20
1.45
1.45
1.45
1.45
1.50
1.50
1.53
1.65
1.65
1.65
1.65
1.65
1.65
0.040
0.040
0.040
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.043
0.053
0.060
0.050
0.050
0.043
0.060
0.067
0.067
VCMB_8104-VCMB_8121 (Fig.2)
VCMB8101-VCMB8103 (Fig.1)
Fig.1
Fig.2


Similar Part No. - VCMB_8121-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VCMB3423-123 ALLIED-VCMB3423-123 Datasheet
661Kb / 1P
POWER LINE COMMON MODE CHOKE
VCMB744822 ALLIED-VCMB744822 Datasheet
517Kb / 1P
POWER LINE COMMON MODE CHOKE
VCMB744822-102N ALLIED-VCMB744822-102N Datasheet
526Kb / 1P
POWER LINE COMMON MODE CHOKE
VCMB744822-102N ALLIED-VCMB744822-102N Datasheet
517Kb / 1P
POWER LINE COMMON MODE CHOKE
VCMB744822-103N ALLIED-VCMB744822-103N Datasheet
526Kb / 1P
POWER LINE COMMON MODE CHOKE
More results

Similar Description - VCMB_8121-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com