Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADLS15PC-PASSIVELP Datasheet(PDF) 4 Page - ADL Embedded Solutions

Part # ADLS15PC-PASSIVELP
Description  Traffic technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLS15PC-PASSIVELP Datasheet(HTML) 4 Page - ADL Embedded Solutions

  ADLS15PC-PASSIVELP Datasheet HTML 1Page - ADL Embedded Solutions ADLS15PC-PASSIVELP Datasheet HTML 2Page - ADL Embedded Solutions ADLS15PC-PASSIVELP Datasheet HTML 3Page - ADL Embedded Solutions ADLS15PC-PASSIVELP Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADLS15PC PC/104-Plus
Intel® Atom™ CPU 1.1GHz - 1.60GHz
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
ITEM CODE
PART #
DESCRIPTION
PCI/104-Plus Board
ADLS15PC-110
292310
PC104/Plus Atom 1.1GHz 0GB SSD
ADLS15PC-112
292312
PC104/Plus Atom 1.1GHz 2GB SSD
ADLS15PC-114
292314
PC104/Plus Atom 1.1GHz 4GB SSD
ADLS15PC-118
292318
PC104/Plus Atom 1.1GHz 8GB SSD
ADLS15PC-160
292360
PC104/Plus Atom 1.60GHz 0GB SSD
ADLS15PC-162
292362
PC104/Plus Atom 1.60GHz 2GB SSD
ADLS15PC-164
292364
PC104/Plus Atom 1.60GHz 4GB SSD
ADLS15PC-168
292368
PC104/Plus Atom 1.60GHz 8GB SSD
Thermal Solutions
ADLS15PC-SPREADER
292061
.6” Heat Spreader for chassis mounting
ADLS15PC-FANSINK
292063
Active Heat Sink Set ADLS15PC
ADLS15PC-PASSIVELP
292062
Passive low profile heatsink
ADLS15PC-1”
292064
1” Heat Spreader for chassis mounting
Standard DDR2-RAM
DDR2-DRAM512
TBD
DDR2-667MHz 512MB Standard Temperature
DDR2-DRAM1024
996050
DDR2-667MHZ 1GB Standard Temperature
DDR2-DRAM2048
996150
DDR2-667MHz 2GB Standard Temperature
DDR2-RAM Extended Temperature
DDR2-DRAM512-EX
TBD
DDR2-667MHz 512MB Extended Temperature
DDR2-DRAM1024-EX
996051
DDR2-667MHz 1GB Extended Temperature
DDR2-DRAM2048-EX
996151
DDR2-667MHz 2GB Extended Temperature
*Data subject to change without notice.
ORDERING INFORMATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com