Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CUWY3SH.B1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # CUWY3SH.B1
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CUWY3SH.B1 Datasheet(HTML) 1 Page - OSRAM GmbH

  CUWY3SH.B1 Datasheet HTML 1Page - OSRAM GmbH CUWY3SH.B1 Datasheet HTML 2Page - OSRAM GmbH CUWY3SH.B1 Datasheet HTML 3Page - OSRAM GmbH CUWY3SH.B1 Datasheet HTML 4Page - OSRAM GmbH CUWY3SH.B1 Datasheet HTML 5Page - OSRAM GmbH CUWY3SH.B1 Datasheet HTML 6Page - OSRAM GmbH CUWY3SH.B1 Datasheet HTML 7Page - OSRAM GmbH CUWY3SH.B1 Datasheet HTML 8Page - OSRAM GmbH CUWY3SH.B1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2013-11-22
1
DRAFT – For Reference only.
Subject to change.
2013-11-22
Micro SIDELED 3806
Datasheet
Draft Version 0.7
CUW Y3SH.B1
Micro SIDELED is a SMT LED with side emission. Due
to its low package height it is ideal for applications in
limited space environments.
Micro SIDELED ist eine SMT LED mit seitlicher
Abstrahlrichtung. Aufgrund ihrer niedrigen
Bauteilhöhe ist sie ideal für Anwendungen mit
begrenztem Raum.
Features:
Besondere Merkmale:
• Package: white SMT package, colored diffused
silicone resin
• Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
• Technology: InGaN on Sapphire
• Technologie: InGaN on Sapphire
• Viewing angle at 50 % IV: 120°
• Abstrahlwinkel bei 50 % IV: 120°
• Color: Cx = 0.30, Cy = 0.29 acc. to CIE 1931
(ultra white)
• Farbe: Cx = 0.30, Cy = 0.29 nach CIE 1931 (ultra
weiß)
• Optical efficiency (typ.): 145 lm/W (ultra white)
• Optischer Wirkungsgrad (typ.): 145 lm/W (ultra
weiß)
Applications
Anwendungen
• Backlighting
• Hinterleuchtung
• LCD Backlighting
• LCD Beleuchtung


Similar Part No. - CUWY3SH.B1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CUWY3SH.B1-DEGF-4A7V-1 OSRAM-CUWY3SH.B1-DEGF-4A7V-1 Datasheet
786Kb / 25P
white SMT package, colored diffused
More results

Similar Description - CUWY3SH.B1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com