Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEUWS2LN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEUWS2LN
Description  compact lightsource in multi chip SMT technology with silicone lens
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWS2LN Datasheet(HTML) 1 Page - OSRAM GmbH

  LEUWS2LN Datasheet HTML 1Page - OSRAM GmbH LEUWS2LN Datasheet HTML 2Page - OSRAM GmbH LEUWS2LN Datasheet HTML 3Page - OSRAM GmbH LEUWS2LN Datasheet HTML 4Page - OSRAM GmbH LEUWS2LN Datasheet HTML 5Page - OSRAM GmbH LEUWS2LN Datasheet HTML 6Page - OSRAM GmbH LEUWS2LN Datasheet HTML 7Page - OSRAM GmbH LEUWS2LN Datasheet HTML 8Page - OSRAM GmbH LEUWS2LN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LE UW S2LN
OSRAM OSTAR - Lighting plus
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten / preliminary data
2010-12-13
1
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in
Multi-Chip SMT Technologie mit Silikonlinse
• Besonderheit des Bauteils: extrem hohe
Helligkeit und Leuchtdichte dank
Oberflächenemission und hoher
Chip-Packungsdichte
• Typischer Lichtstrom: 425 lm bei 350 mA
• Typische Farbtemperatur: 6500 K
• Typischer Farbwiedergabeindex: 70
• Abstrahlwinkel: 140°
• Lötmethode: Reflow Löten
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
• Erweiterte Korrosionsfestigkeit:
Details siehe Seite 13
• Feuchtestabilität:
Details siehe Seite 13
Anwendungen
• Ladenbeleuchtung
• Spots und Schreibtischbeleuchtung
• Lampenretrofits
• Anwendungen mit Reflektoroptiken
• Downlights
Features
• Package: compact lightsource in multi chip
SMT technology with silicone lens
• Feature of the device: outstanding brightness
and luminance due to pure surface emission
and high chip packing density
• Typical Luminous Flux: 425 lm at 350 mA
• Typ. color temperature: 6500 K
• Typ. color rendering index: 70
• Viewing angle: 140°
• Soldering methods: reflow soldering
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
• Superior Corrosion Robustness:
details see page 13
• Humidity Robustness:
details see page 13
Applications
• Shop lighting
• Spot- and tasklights
• Retrofit lamps
• Applications using reflector lamps
• Downlights


Similar Part No. - LEUWS2LN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWS2W OSRAM-LEUWS2W Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
LEUWS2W-PXQX-4P7R OSRAM-LEUWS2W-PXQX-4P7R Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
LEUWS2WN OSRAM-LEUWS2WN Datasheet
1Mb / 20P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.2 2020-06-03
LEUWS2WN-RASA-CQ OSRAM-LEUWS2WN-RASA-CQ Datasheet
1Mb / 20P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.2 2020-06-03
logo
ams AG
LEUWS2WP AMSCO-LEUWS2WP Datasheet
1Mb / 21P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.3 2021-07-14
More results

Similar Description - LEUWS2LN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-RTDUWS-2W OSRAM-LE-RTDUWS-2W Datasheet
820Kb / 24P
compact lightsource in multi chip SMT technology with glass window on top
LERTDUWS2WJAKB-1 OSRAM-LERTDUWS2WJAKB-1 Datasheet
1Mb / 23P
Compact lightsource in SMT technology
LERTDUWS2WNKBLA-1 OSRAM-LERTDUWS2WNKBLA-1 Datasheet
2Mb / 25P
Compact lightsource in SMT technology
LERTDUWS2WPKBMA-1 OSRAM-LERTDUWS2WPKBMA-1 Datasheet
1Mb / 24P
Compact lightsource in SMT technology
LECWS2LN OSRAM-LECWS2LN Datasheet
531Kb / 22P
compact lightsource in multi chip SMT technology with silicone lens
LE-A-S2W OSRAM-LE-A-S2W Datasheet
525Kb / 21P
compact lightsource in multi chip SMT technology with glass window on top
LE-B-Q8WP OSRAM-LE-B-Q8WP Datasheet
859Kb / 23P
compact lightsource in SMT technology
LE-CW-S2LN OSRAM-LE-CW-S2LN Datasheet
531Kb / 22P
compact lightsource in multi chip SMT technology with silicone lens
LE-UW-S2LN OSRAM-LE-UW-S2LN Datasheet
440Kb / 20P
compact lightsource in multi chip SMT technology with silicone lens
LE-UW-S2W OSRAM-LE-UW-S2W Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com