Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2276 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2276
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2276 Datasheet HTML 1Page - Monolithic Power Systems MP2276 Datasheet HTML 2Page - Monolithic Power Systems MP2276 Datasheet HTML 3Page - Monolithic Power Systems MP2276 Datasheet HTML 4Page - Monolithic Power Systems MP2276 Datasheet HTML 5Page - Monolithic Power Systems MP2276 Datasheet HTML 6Page - Monolithic Power Systems MP2276 Datasheet HTML 7Page - Monolithic Power Systems MP2276 Datasheet HTML 8Page - Monolithic Power Systems MP2276 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP2276
– 16V, 8A, HIGH EFFICIENCY, SYNC, STEP-DOWN CONVERTER
MP2276 Rev.1.0
www.MonolithicPower.com
5
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40°C to +125°C (4), typical value is tested at TJ = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Thermal Protection
Thermal shutdown (5)
TSD
150
°C
Thermal shutdown hysteresis (5)
TSD_HYS
20
°C
Power Good (PG)
Power good high threshold
PGVth_Hi_Rise
FB from low to high
87.5%
92.5%
97.5%
VREF
Power good low threshold
PGVth_Lo_Rise
FB from low to high
111%
116%
121%
VREF
PGVth_Lo_Fall
FB from high to low
75%
80%
85%
VREF
Power good low to high delay
PGTd
0.7
1.0
1.3
ms
Power good sink current
capability
VPG
IPG = 10mA
0.4
V
Power good leakage current
IPG_LEAK
VPG = 3V
3
µA
Power good low-level output
voltage
VOL_100
VIN = 0V, pull PG up to
3.3V through a 100
kΩ
resistor
650
900
mV
VOL_10
VIN = 0V, pull PG up to
3.3V through a 10kΩ
resistor
800
1050
NOTES:
4)
Not tested in production, guaranteed by over-temperature correlation.
5)
Guaranteed by engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com