Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2316GD-P Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2316GD-P
Description  19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316GD-P Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2316GD-P Datasheet HTML 1Page - Monolithic Power Systems MP2316GD-P Datasheet HTML 2Page - Monolithic Power Systems MP2316GD-P Datasheet HTML 3Page - Monolithic Power Systems MP2316GD-P Datasheet HTML 4Page - Monolithic Power Systems MP2316GD-P Datasheet HTML 5Page - Monolithic Power Systems MP2316GD-P Datasheet HTML 6Page - Monolithic Power Systems MP2316GD-P Datasheet HTML 7Page - Monolithic Power Systems MP2316GD-P Datasheet HTML 8Page - Monolithic Power Systems MP2316GD-P Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
MP2316 – 19V, 3A LOW IQ STEP DOWN CONVERTER
MP2316 Rev. 1.11
www.MonolithicPower.com
4
4/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ=-40°C to +125°C
(7), typical value is tested at TJ=+25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
0.1
1
μA
Supply current (quiescent)
IQ
VEN = 5V, TJ = 25°C,
VFB = 0.9V
40
55
μA
VIN under-voltage lockout
threshold rising
INUVVth
3.5
3.7
3.9
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
200
mV
HS switch-on resistance
HSRDS-ON
90
mΩ
LS switch-on resistance
LSRDS-ON
30
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 0V or 12V
0
1
μA
High Side FET Current limit
(8)
ILIMIT_HS
Duty=10%
5
A
Low Side FET Current limit
ILIMIT_LS
Force PWM Mode, Sink
Current
1.5
A
One-Shot on time
(8)
TON
RFREQ=180k from
FREQ/MODE Pin to VIN
230
ns
Minimum on time
(8)
TON_min
90
ns
Minimum off time
TOFF min
150
ns
Feedback voltage
VFB
TJ = 25°C
594
600
606
mV
TJ=-40°C to +125°C
591
600
609
Feedback current
IFB
VFB = 700mV
10
50
nA
Soft start current
ISS
4
8
11
μA
EN Input High Voltage
VEN H
1.6
V
EN Input Low Voltage
VEN L
0.4
V
EN input current
IEN
VEN = 2V
2
μA
VEN = 0V
0
Power-good rising threshold
PGVth-Hi
0.9
VFB
Power-good falling threshold
PGVth-Lo
0.85
VFB
Power-good delay
PGTd
140
μs
Power-good sink current
capability
VPG
Sink 1mA
0.4
V
Power-good leakage current
IPG LEAK
VPG = 3.3V
50
nA
Thermal shutdown
(8)
TSD
150
°C
Thermal shutdown hysteresis
(8)
TSD-HYS
20
°C
Notes:
7) Not tested in production. Guaranteed by over-temperature correlation.
8) Guaranteed by design and engineering sample characterization.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com