Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2908A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2908A
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2908A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2908A Datasheet HTML 9Page - Monolithic Power Systems MP2908A Datasheet HTML 10Page - Monolithic Power Systems MP2908A Datasheet HTML 11Page - Monolithic Power Systems MP2908A Datasheet HTML 12Page - Monolithic Power Systems MP2908A Datasheet HTML 13Page - Monolithic Power Systems MP2908A Datasheet HTML 14Page - Monolithic Power Systems MP2908A Datasheet HTML 15Page - Monolithic Power Systems MP2908A Datasheet HTML 16Page - Monolithic Power Systems MP2908A Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP2908A—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2908A Rev. 1.01
www.MonolithicPower.com
13
1/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2908A is a high-performance, step-
down, synchronous DC/DC controller IC with a
wide input voltage range. It implements current
mode and switching frequency programmable
control architecture to regulate the output
voltage with external N-channel MOSFETs.
The MP2908A senses the voltage at FB; the
difference between the FB voltage and an
internal 0.8V reference is amplified to generate
an error voltage on COMP. This is used as a
threshold for the current sense comparator with
a slope compensation ramp.
Under normal load conditions, the controller
operates in full PWM mode (see Figure 2). At
the beginning of each oscillator cycle, the top
gate driver is enabled. The top gate turns on for
a period determined by the duty cycle. When
the top gate turns off, the bottom gate turns on
after a dead time and remains on until the next
clock cycle begins.
There is an optional power-save mode for light-
load or no-load conditions.
Advanced Asynchronous Mode (AAM)
The MP2908A employs AAM functionality to
optimize efficiency during light-load or no-load
conditions (see Figure 2). It is enabled when
CCM/AAM is at a low level by connecting an
appropriate resistor to GND to ensure that VAAM
is no less than 480mV. See Equation (1):
VAAM (mV) = IAAM (μA) x RAAM (kΩ)
(1)
Where IAAM is the CCM/AAM output current.
The CCM/AAM output current (IAAM) is shown in
Equation (2). AAM is disabled when CCM/AAM
is floating or connected to VCC1.
IAAM (μA) = 600 (mV) / RFREQ (kΩ)
(2)
If AAM is enabled, the MP2908A first enters
non-synchronous operation as long as the
inductor current approaches zero at light-load. If
the load decreases further to make the COMP
voltage drop below the CCM/AAM voltage
(VAAM), the MP2908A enters AAM. In AAM, the
internal clock resets whenever VCOMP crosses
over VAAM; the crossover time is the benchmark
for the next clock cycle. When the load
increases and the DC value of VCOMP is higher
than VAAM, the operation mode is DCM or CCM,
which has a constant switching frequency.
AAM Mode
(AAM=Low)
Inductor
Current
t
t
t
Load
Decreased
PWM Mode
(AAM=High)
Inductor
Current
t
t
t
Load
Decreased
Figure 2: AAM and PWM
Floating Driver and Bootstrap Charging
The floating top gate driver is powered by an
external bootstrap capacitor (CBST), which is
normally
refreshed
when
the
high-side
MOSFET (HS-FET) turns off. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 3.05V with a
hysteresis of 170mV.
If the BST voltage is lower than the bootstrap
UVLO, the MP2908A enters constant-off-time
mode to ensure that the BST cap is high
enough to drive the HS-FET.
VCC1 Regulator and VCC2 Power Supply
Both the top and bottom MOSFET drivers and
most of the internal circuitries are powered by
the VCC1 regulator. An internal, low, dropout
linear regulator supplies VCC1 power from VIN.
Connect a ceramic capacitor 4.7μF or smaller
from VCC1 to GND.
If VCC2 is left open or connected to a voltage
less than 4.5V, an internal 5V regulator supplies
power to VCC1 from VIN. If VCC2 is greater
than 4.5V, the internal regulator that supplies
power to VCC1 from VCC2 is triggered.
If VCC2 is greater than 4.5V but less than 5V,
the 5V regulator is in dropout, and VCC1 is
approximately equal to VCC2. Using the VCC2
power supply allows the VCC1 power to be
derived from a high-efficiency external source,
such as one of the MP2908A’s switching
regulator outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com