Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP4569 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4569
Description  75V, 0.3A Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4569 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4569 Datasheet HTML 1Page - Monolithic Power Systems MP4569 Datasheet HTML 2Page - Monolithic Power Systems MP4569 Datasheet HTML 3Page - Monolithic Power Systems MP4569 Datasheet HTML 4Page - Monolithic Power Systems MP4569 Datasheet HTML 5Page - Monolithic Power Systems MP4569 Datasheet HTML 6Page - Monolithic Power Systems MP4569 Datasheet HTML 7Page - Monolithic Power Systems MP4569 Datasheet HTML 8Page - Monolithic Power Systems MP4569 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MP4569―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4569 Rev. 1.0
www.MonolithicPower.com
5
9/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
QFN-10
(3mmx3mm)
Pin #
SOIC-8 EP
Name Description
1
1
GND
Ground. Connected the output capacitor as close as possible to avoid high-
current switch paths.
2
2
IN
Input Supply. Requires a decoupling capacitor to ground to reduce
switching spikes.
3
3
EN
Enable Input. Pull this pin below the low threshold to shut the chip down.
Pull it above the high threshold enables the chip. Float this pin to shut the
chip down.
4
No
Bonding
VREF Reference Voltage Output, for QFN-10 (3mmx3mm) package only.
5
4
FB
Feedback Connected to the tap of an external resistive divider between the
output and GND. Sets the regulation voltage when compared to the internal
1V reference.
6
5
SS
Soft-Start Control Input. Connect a capacitor from SS to GND to set the
soft-start period.
7
No
Bonding
POK
Open Drain Power Good Output. “HIGH” output indicates VOUT is higher
than 90% of reference. POK is pulled down in shutdown, for QFN-10
(3mmx3mm) package only
8
6
BIAS
Controller Bias Input. Supplies current to the internal circuit when
VBIAS>2.9V.
9
7
BST
Bootstrap. Positive power supply for the internal floating high-side MOSFET
driver. Connect a bypass capacitor between this pin and SW pin.
10
8
SW
Switch Node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com