Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP4575 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4575
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4575 Datasheet HTML 1Page - Monolithic Power Systems MP4575 Datasheet HTML 2Page - Monolithic Power Systems MP4575 Datasheet HTML 3Page - Monolithic Power Systems MP4575 Datasheet HTML 4Page - Monolithic Power Systems MP4575 Datasheet HTML 5Page - Monolithic Power Systems MP4575 Datasheet HTML 6Page - Monolithic Power Systems MP4575 Datasheet HTML 7Page - Monolithic Power Systems MP4575 Datasheet HTML 8Page - Monolithic Power Systems MP4575 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP4575
5A, 4.5V - 55V Input,
Frequency-Programmable, Fully Integrated,
Synchronous, Step-Down Converter
MP4575 Rev. 1.0
www.MonolithicPower.com
1
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP4575 is a frequency-programmable,
step-down, switching converter with integrated,
internal,
high-side
and
low-side
power
MOSFETs. The MP4575 can provide 5A of
continuous output current with peak current
control for excellent transient response and
efficiency performance.
The wide 4.5V to 55V input voltage range
accommodates
a
variety
of
step-down
applications,
including
industrial,
PoE,
automotive, and printers with a DC high-voltage
bus.
The MP4575 uses peak-current-mode control to
regulate
the
output
voltage.
The
MP4575
provides over-current protection (OCP) with
valley current detection, which is used to
prevent the current from running away. The
MP4575 also has accurate and reliable over-
voltage protection (OVP) and auto-recovery
thermal protection.
An optional external soft start is available.
Enable and power good indication functions can
be used to track the power easily. To increase
efficiency,
the
MP4575
scales
down
the
switching frequency automatically when the
load is light. Meanwhile, the low-side MOSFET
is turned off to reduce driver loss when zero
inductor current is detected.
Synchronous
operation
mode
with
the
integrated low-side MOSFET is useful for
reducing conduction loss and reducing external
components space to save cost.
The MP4575 is available in a TSSOP-20 EP
package with an exposed pad.
FEATURES
 Wide 4.5V to 55V Input Voltage Range
 90mΩ and 70mΩ Internal High-Side and
Low-Side Power MOSFETs
 Peak-Current-Mode Control
 Programmable Switching Frequency
 Optional External Soft Start
 Over-Current Protection (OCP) with Valley
Current Detection
 Supports External Synchronous Clock
 Over-Voltage Protection (OVP)
 Current Limit Decreases during Output
Short for Better Thermal Performance
 Power Good Indication
 Thermal Shutdown Protection
 Available in a TSSOP-20 EP Package
APPLICATIONS
 PoE Input Non-Isolated Buck
 Industrial Power Systems
 Printers and Scanners
 Automotive Power Systems
 Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP4575

ManufacturerPart #DatasheetDescription
logo
3M Electronics
MP4570 3M-MP4570 Datasheet
14Kb / 2P
Scotchmate and Dual Lock Reclosable Fasteners Mini-Packs
Mar-2005
logo
Monolithic Power System...
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4570GF MPS-MP4570GF Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4570GF-P MPS-MP4570GF-P Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
More results

Similar Description - MP4575

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
logo
Microchip Technology
MIC24045 MICROCHIP-MIC24045 Datasheet
979Kb / 46P
I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
logo
Micrel Semiconductor
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Texas Instruments
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
logo
Monolithic Power System...
MPQ4570 MPS-MPQ4570 Datasheet
690Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com